Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT3604 Datasheet HTML 1Page - Catalyst Semiconductor CAT3604 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT3604
4
Doc. No. 5008, Rev. I
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Current
Setting
1.2V Ref
1MHz
Oscillator
Mode Control
1x mode (LDO)
1.5x Charge Pump
VIN
CIN
+
-
3<VIN<4.2V
Battery
EN
RSET
CTR0
CTR1
CTR2
LED1
LED2
LED3
LED4
LED
Output
Select
4 Current
Sink Regulators
COUT
20mA
VOUT
C1-
C2-
C1+
C2+
BLOCK DIAGRAM
BASIC OPERATION
At power-up, the CAT3604 starts operation in 1x
mode. If it is able to drive the programmed LED
current, it continues in 1x mode. If the battery
voltage drops to a level where the LED current
cannot be met, the driver automatically switches
into 1.5x mode. The 1.5x charge pump will boost
the output voltage accordingly to achieve the nomi-
nal LED current.
Figure 1: CAT3604 Functional Block Diagram
The operating mode is reinitialized each and every
time the chip is powered up or is taken out of
shutdown mode (via EN pin). The use of the control
pins (CTR0, CTR1, CTR2) does not reconfigure the
mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com