Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3604 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604 Datasheet HTML 9Page - Catalyst Semiconductor CAT3604 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT3604
6
Doc. No. 5008, Rev. I
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
V
IN = 3.6V, EN = VIN, CIN = COUT = 1µF, RSET = 24kΩ, TAMB = 25˚C, unless otherwise specified.
Efficiency vs. Input Voltage (4 LEDs)
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
DISCHARGING BATTERY [V]
1x mode
1.5x mode
15mA per LED
20mA per LED
Efficiency vs. Total LED Current (4 LEDs)
40
50
60
70
80
90
100
0
50
100
150
200
TOTAL LED CURRENT [mA]
VIN = 4V (1x mode)
VIN = 3.2V (1.5x mode)
LED Current vs. Input Voltage
10
12
14
16
18
20
22
24
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4 LEDs at 20mA
1 LED at 20mA
4 LEDs at 15mA
LED Current vs. Temperature
14.0
14.5
15.0
15.5
16.0
-50 -25
0
25
50
75 100 125
TEMPERATURE [˚C]
4 LEDs at 15mA
Vin = 4V
Ground Current vs. Input Voltage (1x mode)
0.0
0.1
0.2
0.3
0.4
0.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4 LEDs OFF
Ground Current vs. Temperature (1x mode)
0.0
0.1
0.2
0.3
0.4
0.5
-40 -20
0
2040
6080 100
TEMPERATURE [ C]
4 LEDs OFF
Rset = 500k
˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com