Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 7Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 8Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 9Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 10Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 11Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 12Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
Model overview
DPO7054C
DPO7104C
DPO7254C
DPO7354C
Input Channels
4
Bandwidth
500 MHz
1 GHz
2.5 GHz
3.5 GHz
Rise Time 10% to 90% (Typical)
460 ps
300 ps
160 ps
115 ps
Rise Time 20% to 80% (Typical)
310 ps
200 ps
100 ps
95 ps
DC Gain Accuracy
±1% with offset/position set to 0
Bandwidth Limits
Depending on instrument model: 3.0 GHz, 2.5 GHz, 2 GHz, 1 GHz, 500 MHz, 250 MHz, and 20 MHz
Effective Number of Bits (Typical, sine
wave input at instrument bandwidth,
50 mV/div, 50 Ω Input Impedance,
maximum sample rate, 20k point
record length)
6.8 bits
6.7 bits
5.6 bits
5.6 bits
Random Noise (RMS, typical, sample mode, full BW, maximum sample rate, 50 Ω)
Step Gain
1 V
19.4 mV
19.72 mV
24.48 mV
26.28 mV
500 mV
10.5 mV
10.89 mV
14.91 mV
16.46 mV
200 mV
4.72 mV
4.69 mV
6.70 mV
7.26 mV
100 mV
2.64 mV
2.70 mV
4.11 mV
4.49 mV
50 mV
1.07 mV
1.10 mV
1.53 mV
1.65mV
20 mV
0.487 mV
0.484 mV
0.678 mV
0.735 mV
10 mV
0.273 mV
0.279 mV
0.414 mV
0.458 mV
5 mV
0.173 mV
0.191 mV
0.285 mV
0.303 mV
2 mV
0.112 mV
0.121 mV
0.142 mV
0.148 mV
1 mV
0.087 mV
0.090 mV
0.098 mV
0.100 mV
DPO7054C
DPO7104C
DPO7104C with Option 2SR DPO7254C/DPO7354C
Maximum Sample Rate (1 ch)
20 GS/s
20 GS/s
40 GS/s
40 GS/s
Maximum Sample Rate (2 ch)
10 GS/s
10 GS/s
20 GS/s
20 GS/s
Maximum Sample Rate (3-4 ch)
5 GS/s
5 GS/s
10 GS/s
10 GS/s
Maximum Equivalent Time Sampling
Rate
4 TS/s
Maximum Record Length with
Standard Configuration
125 M (1 ch), 50 M (2 ch), 25 M (3-4 ch)
Maximum Record Length with Option
5RL
250 M (1 ch), 125 M (2 ch), 50 M (3-4 ch)
Maximum Record Length with Option
10RL (sample rates ≥2.5 GS/s)
—
—
—
500 M (1 ch)
250 M (2 ch)
125 M (3-4 ch)
Maximum Duration at Highest Real-
time Sample Rate (1 ch)
1-2 ms with standard record length, up to 10 ms with optional record length
Time Base Range
1.25 ps/div to 8 Ms/div
1.25 ps/div to 8 Ms/div
1.25 ps/div to 8.19 Ms/div
1.25 ps/div to 8.19 Ms/div
Time Resolution (in ET/IT mode)
500 fs
500 fs
250 fs
250 fs
DPO7000C Series Datasheet - DPO7000C Series
www.tek.com/DPO7000 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com