Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 10Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 11Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 12Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Clock recovery system
(DPO7254C and DPO7354C only, requires Opt. ST1G)
Clock recovery phase locked
loop bandwidth
Fixed at FBaud/500
Clock recovery frequency
range
1.5 MBaud to 1.25 GBaud
Clock recovery jitter (RMS)
20 psRMS + 1.25% Unit Interval RMS for PRBS data patterns
20 psRMS + 1.25% Unit Interval RMS for repeating "0011” data pattern
Clock recovery tracking/
acquisition range
±5% of requested baud rate (typical)
Minimum signal amplitude
needed for clock recovery
1 divp-p up to 1.25 Gbaud
Trigger level range
Any channel
±12 divisions from center of screen
Auxiliary input
TekVPI interface; ±5 V (50 Ω); 150 V, derate at 20 dB/decade to 9 VRMS above 200 kHz (1 MΩ)
Line
Fixed at 0 V
Trigger coupling
DC
AC (attenuates <60 Hz)
HF Rej (attenuates >30 kHz)
LF Rej (attenuates <80 kHz)
Noise Reject (reduces sensitivity)
Trigger holdoff range
250 ns min to 100 s
Trigger types
A Event and Delayed B Event trigger types: edge, glitch, width, runt, timeout, transition time, logic pattern, logic state, setup/hold,
window - all except Edge, Pattern, and State can be Logic State qualified by up to two channels.
Edge
Positive, negative, or either slope on any channel or front-panel auxiliary input. Coupling includes DC, AC, noise reject, HF reject,
and LF reject.
Glitch
Trigger on or reject glitches of positive, negative, or either polarity. Minimum glitch width is 170 ps (typical) with rearm time of
250 ps (for DPO7254C or DPO7354C).
Width
Trigger on width of positive or negative pulse either within or outside selectable limits (225 ps to 10 s).
Runt
Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again. Event can be
time- or logic-qualified.
Window
Trigger on an event that enters or exits a window defined by two user-adjustable thresholds. Event can be time or logic qualified.
Timeout
Trigger on an event which remains high, low, or either, for a specified time period (300 ps to 1 s).
Transition
Trigger on pulse edge rates that are faster or slower than specified. Slope may be positive, negative, or either.
Setup/Hold
Trigger on violations of both setup time and hold time between clock and data present on any two input channels.
Logic Pattern
Trigger when pattern goes false or stays true for specified period of time (300 ps to 1 s). Pattern (AND, OR, NAND, NOR) specified
for all analog input channels defined as high, low, or don’t care.
Logic State
Any logical pattern of channels (1, 2, 3) clocked by edge on channel 4. Trigger on rising or falling clock edge.
Parallel Bus
Trigger on specified data value on defined parallel bus.
Video
Trigger on all lines, specific line number, odd, even, or all fields on NTSC, PAL, SECAM, and HDTV 480p/60, 576p/50, 875i/60,
720p/30, 720p/50, 720p/60, 1080/24sF, 1080i/50, 1080p/25, 1080i/60, 1080p/24, 1080p/25, 1080p/50, 1080p/60, Bi-level, Tri-
level.
Visual Trigger
Trigger on up to 8 user-specified areas, including rectangle, triangle, trapezoid, hexagon, and user-specified shapes on any of the
analog channels.
Datasheet
Pinpoint® trigger system
14 www.tek.com/DPO7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com