Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 12 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 12 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 8Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 9Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 10Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 11Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 12Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Vertical system – Analog channels
Input impedance
1 MΩ ±1% with 13 pF ±2 pF, 50 Ω ±1%
Input coupling
AC, DC, GND
Input sensitivity
1 MΩ: 1 mV/div to 10 V/div
50 Ω: 1 mV/div to 1 V/div
Vertical resolution
8 bit (>11 bit with Hi Res)
Delay between any two channels,
typical
≤100 ps (50 Ω, DC coupling and equal V/div at or above 10 mV/div)
Channel-to-Channel isolation
(Any two channels at equal Vertical Scale settings) (Typical)
≥100:1 at ≤100 MHz
≥30:1 between 100 MHz and 2.5 GHz
≥20:1 between 2.5 GHz and 3.5 GHz
Max input voltage 1 MΩ
±150 V, derate at 20 dB/decade to 9 VRMS above 200 kHz
Max input voltage 50 Ω
5 VRMS, with peaks ≤ ±24 V
Offset range
1 mV/div to 50 mV/div: ±1 V
50.5 mV/div to 99.5 mV/div: ±(1.5 V – 10 divisions)
100 mV/div to 500 mV/div: ±10 V
505 mV/div to 995 mV/div: ±(15 V – 10 divisions)
1 V/div to 5 V/div: ±100 V
5.05 V/div to 10 V/div: ±(150 V – 10 divisions)
Offset accuracy
1 mV/div to 9.95 mV/div: ±0.2% × (offset – position) ±0.1 div ±1.5 mV
10 mV/div to 99.5 mV/div: ±0.35% × (offset – position) ±0.1 div ±1.5 mV
100 mV/div to 1 V/div: ±0.35% × (offset – position) ±0.1 div ±15 mV
1.01 V/div to 10 V/div: ±0.25% × (offset – position) ±0.1 div ±150 mV
Position range
±5 divisions
Horizontal system
Time base delay time range
-10 divisions to 1000 s
Channel-to-channel deskew range ±75 ns
Delta time measurement accuracy ((0.06 / sample rate) + (2.5 ppm × Reading)) RMS
Trigger jitter (RMS)
1.5 psRMS with enhanced triggering OFF
<100 fsRMS with enhanced triggering ON
Datasheet
12 www.tek.com/DPO7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com