Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 17 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 17 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Software
IVI Driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
Microsoft .NET and MATLAB. IVI-COM standard
LXI Class C Web Interface
Connect to the DPO7000C Series through a standard web browser by simply entering the oscilloscope’s IP address in the address
bar of the browser. The web interface enables viewing of instrument status and configuration, and status and modification of
network settings. All web interaction conforms to LXI Class C specification
Display system
Display type
307.3 mm (12.1 in.) liquid-crystal active-matrix color display
Display resolution
1024 horizontal × 768 vertical pixels (XGA)
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence
Color palettes
Normal, Green, Gray, Temperature, Spectral, and User-defined
Format
YT, XY
Horizontal divisions
10
Vertical divisions
10
Computer system and peripherals
Operating system
Microsoft Windows 10 Enterprise IoT Edition
CPU
Intel i7-2600 processor, quad core, 3.4 GHz
System memory
8 GB
Solid state drive
Removable, 512 GB capacity
CD/DVD drive
Front-panel CD-R/W, DVD-R drive
Mouse
Optical wheel mouse, USB interface
Keyboard
Order 119-7083-xx for small keyboard; USB interface and hub
Input/Output ports
USB 2.0 High-speed Host Ports
Supports USB mass storage devices, printers, keyboard, and mouse. Ports on front and side panels of the instrument. Can be
disabled
USB 3.0 SuperSpeed Host Ports
Supports USB mass storage devices, printers, keyboard, and mouse. Ports on side panel of the instrument. Can be disabled
GPIB interface
Rear panel. IEEE 488.2 standard
LAN port
RJ-45 connector, supports 10BASE-T, 100BASE-T, and 1000BASE-T
Video out port
DVI-I and VGA connectors, connect to show the oscilloscope display on an external monitor or projector. Support for extended
desktop and clone mode
Audio input/output
Miniature phone jacks for stereo microphone input and stereo line output
DPO7000C Series Datasheet - DPO7000C Series
www.tek.com/DPO7000 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com