Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12060LAH Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAH
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAH Datasheet(HTML) 4 Page - Texas Instruments

  PTH12060LAH Datasheet HTML 1Page - Texas Instruments PTH12060LAH Datasheet HTML 2Page - Texas Instruments PTH12060LAH Datasheet HTML 3Page - Texas Instruments PTH12060LAH Datasheet HTML 4Page - Texas Instruments PTH12060LAH Datasheet HTML 5Page - Texas Instruments PTH12060LAH Datasheet HTML 6Page - Texas Instruments PTH12060LAH Datasheet HTML 7Page - Texas Instruments PTH12060LAH Datasheet HTML 8Page - Texas Instruments PTH12060LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
TA = 25°C; VI =12V;VO = 3.3 V; CI = 560 µF, CO =0µF, and IO =IOmax (unless otherwise stated)
PTH12060W
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
TA =60°C, 200 LFM airflow
0
10(1)
A
IO
Output current
Over ∆Vadj range
TA =25°C, natural convection
10(1)
A
VI
Input voltage range
Over IO range
10.8
13.2
V
VOtol
Set-point voltage tolerance
±2(2)
%VO
∆Regtemp
Temperature variation
–40°C<TA <85°C
±0.5
%VO
∆Regline
Line regulation
Over Vin range
±10
mV
∆Regload
Load regulation
Over Io range
±12
mV
∆Regtot
Total output variation
Includes set-point, line, load, –40°C ≤ TA ≤ 85°C
±3%VO
∆Vadj
Output voltage adjust range
Over Vin range
1.2
5.5
V
RSET = 280 Ω,VO = 5.0 V
94%
RSET =2.0 kΩ,VO = 3.3 V
92%
RSET =4.32kΩ,VO = 2.5 V
90%
η
Efficiency
IO =8A
RSET = 11.5 kΩ,VO = 1.8 V
87%
RSET = 24.3 kΩ,VO = 1.5 V
85%
RSET = open circuit, VO = 1.2 V
83%
VO ≤ 2.5 V
25(3)
mVPP
20-MHz bandwidth,
VO ripple (peak-to-peak)
with CO2 = 10 µF ceramic
VO >2.5 V
1(3)
%VO
IO trip
Overcurrent threshold
Reset, followed by auto-recovery
20
A
ttr
1 A/µs load step, 50 to
Recovery time
70
µS
Transient response
100% Iomax,
Vo over/undershoot
100
mV
∆Vtr
CO1 = 330 µF
VOadj
Margin up/down adjust
±5%
IILmargin
Margin input current (pins 9/10)
Pin to GND
–8 (4)
µA
IILtrack
Track input current (pin 8)
Pin to GND
–0.11(5)
mA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1V/ms
VI increasing
9.5
10.4
UVLO
Undervoltage lockout
V
VI decreasing
8.8
9
Inhibit Control (pin 3)
Referenced to GND
VIH
Input high voltage
VI – 0.5
Open(5)
V
VIL
Input low voltage
–0.2
0.5
IIL inhibit
Input low current
Pin to GND
0.24
mA
II inhibit
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
10
mA
f s
Switching frequency
Over VI and IO ranges
300
350
400
kHz
CI
External input capacitance
560(6)
µF
Nonceramic
0
330(7)
5500(8)
Capacitance value
µF
CO
External output capacitance
Ceramic
0
300
Equivalent series resistance (nonceramic)
4(9)
mΩ
6.4
MTBF
Reliability
Per Bellcore TR-332, 50% stress, TA =40°C, ground benign
106 Hr
(1) See SOA curves or consult factory for appropriate derating.
(2) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(3) The peak-to-peak output ripple voltage is measured with an external 10-µF ceramic capacitor. See the standard application schematic.
(4) A small, low leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(5) This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 8). If it is left open-circuit, the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control.
For further information, see the related application information section.
(6) A 560 µF input capacitor are required for proper operation. The electrolytic capacitor must be rated for a minimum of 1050 mA rms of
ripple current.
(7) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(8) This is the calculated maximum. The minimum ESR limitation oftens result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 2200 µF. See the application notes for further guidance.
(9) This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 7 mΩ as the minimum when using max-ESR values
to calculate.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com