Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12060LAH Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAH
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAH Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH12060LAH Datasheet HTML 10Page - Texas Instruments PTH12060LAH Datasheet HTML 11Page - Texas Instruments PTH12060LAH Datasheet HTML 12Page - Texas Instruments PTH12060LAH Datasheet HTML 13Page - Texas Instruments PTH12060LAH Datasheet HTML 14Page - Texas Instruments PTH12060LAH Datasheet HTML 15Page - Texas Instruments PTH12060LAH Datasheet HTML 16Page - Texas Instruments PTH12060LAH Datasheet HTML 17Page - Texas Instruments PTH12060LAH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
Soft-Start Power Up
12 V
GND
GND
3.3 V
PTH12020W
7
10
4
5
6
2
3
9
Track
V
I
V
O
GND
Inhibit
1
Up Dn
Adjust
8
Sense
R
2k
0.1 W, 1%
SET
W
C
330 F
O
m
C
1000 F
I
m
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
Table 5. Operating Features by Series and Input Bus Voltage
Series
Input Bus
IO
Adjust
On/Off
Over-
Prebias
Auto-
Margin
Output
Thermal
(Trim)
Inhibit
Current
Startup
Track™
Up/Down
Sense
Shutdown
3.3V
6A
•
••••
PTHxx050
5 V
6 A
•
••••
12 V
6 A
•
••••
3.3V/5V
10A
•
••••
•
•
PTHxx060
12 V
8 A
•
••••
•
•
3.3V/5V
15A
•
••••
•
•
PTHxx010
12 V
12 A
•
••••
•
•
5V
8A
•
••••
•
PTVxx010
12 V
8 A
•
••••
•
3.3V/5V
22A
•
••••
•
•
•
PTHxx020
12 V
18 A
•
••••
•
•
•
5V
18 A
•
••••
•
•
PTVxx020
12 V
16 A
•
••••
•
•
3.3V/5V
30A
•
••••
•
•
•
PTHxx030
12 V
26 A
•
••••
•
•
•
For simple point-of-use applications, the PTH12050 (6 A) provides operating features such as an on/off inhibit,
output voltage trim, prebias start-up and overcurrent protection. The PTH12060 (10 A), and PTH12010 (12 A)
include an output voltage sense, and margin up/down controls. Then the higher output current, PTH12020 (18 A)
and PTH12030 (26 A) products incorporate overtemperature shutdown protection.
The PTV12010 and PTV12020 are similar parts offered in a vertical, single in-line pin (SIP) profile, at slightly
lower current ratings.
All of the products referenced in Table 5 include Auto-Track™. This feature was specifically designed to simplify
the task of sequencing the supply voltages in a power system. This and other features are described in the
following sections.
The Auto-Track feature allows the power-up of multiple PTH modules to be directly controlled from the Track pin.
However in a stand-alone configuration, or when the Auto-Track feature is not being used, the Track pin should
be directly connected to the input voltage, VI (see Figure 10).
Figure 10. Power-Up Application Circuit
When the Track pin is connected to the input voltage, the Auto-Track function is permanently disengaged. This
allows the module to power up entirely under the control of its internal soft-start circuitry. When power up is
under soft-start control, the output voltage rises to the set-point at a quicker and more linear rate.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com