Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12060LAH Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAH
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAH Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH12060LAH Datasheet HTML 8Page - Texas Instruments PTH12060LAH Datasheet HTML 9Page - Texas Instruments PTH12060LAH Datasheet HTML 10Page - Texas Instruments PTH12060LAH Datasheet HTML 11Page - Texas Instruments PTH12060LAH Datasheet HTML 12Page - Texas Instruments PTH12060LAH Datasheet HTML 13Page - Texas Instruments PTH12060LAH Datasheet HTML 14Page - Texas Instruments PTH12060LAH Datasheet HTML 15Page - Texas Instruments PTH12060LAH Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
R= 10 k
x
SET
W
0.8 V
-R k
S
W
V- V
Omin
(1)
V
I
GND
V
O
V Sense
O
R
1%
SET
PTH12060
1
10
4
5
6
2
3
9
7
8
C
330 F
(Optional)
O
m
C
560 F
(Required)
I
m
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
For other output voltages, the value of the required resistor can either be calculated, or simply selected from the
range of values given in Table 4. The following formula is used for calculating the adjust resistor value. Select the
appropriate value for the parameters, RS and Vmin, from Table 3.
Table 3. Adjust Formula Parameters
Part Number
PTH12060W
PTH12060L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
RS
1.82 kΩ
7.87 kΩ
(1) A 0.05-W rated resistor can be used. The tolerance should be 1%, with a temperature stability of 100 ppm/°Cor
better. Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 7
using dedicated PCB traces.
(2) Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust pin affects the
stability of the regulator.
Figure 9. VO Adjust Resistor Placement
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com