Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12060LAH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAH
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAH Datasheet(HTML) 1 Page - Texas Instruments

  PTH12060LAH Datasheet HTML 1Page - Texas Instruments PTH12060LAH Datasheet HTML 2Page - Texas Instruments PTH12060LAH Datasheet HTML 3Page - Texas Instruments PTH12060LAH Datasheet HTML 4Page - Texas Instruments PTH12060LAH Datasheet HTML 5Page - Texas Instruments PTH12060LAH Datasheet HTML 6Page - Texas Instruments PTH12060LAH Datasheet HTML 7Page - Texas Instruments PTH12060LAH Datasheet HTML 8Page - Texas Instruments PTH12060LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT
FEATURES
APPLICATIONS
Nominal Size=1inx 0.62 in
(25,4 mm x 15,75 mm)
DESCRIPTION
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
ADJUST POWER MODULE
•
Point-of-Load Alliance (POLA™) Compatible
•
Up to 10-A Output Current
•
12-V Input Voltage
•
Complex Digital Systems
•
Wide-Output Voltage Adjust
(1.2 V to 5.5 V)/(0.8 V to 1.8 V)
•
Efficiencies up to 95%
•
225 W/in3 Power Density
•
On/Off Inhibit
•
Output Voltage Sense
•
Margin Up/Down Controls
•
Undervoltage Lockout
•
Auto-Track™ Sequencing
•
Output Overcurrent Protection (Non-latching,
Auto-Reset)
•
Operating Temperature: –40°Cto85°C
•
Safety Agency Approvals:
UL 60950, cUL 600950, EN60950 VDE
The PTH12060 series is a non-isolated power module, and part of a new class of complete dc/dc converters
from Texas Instruments. These modules are small in size, and are an alternative for applications requiring up to
10 A of load current.
The small footprint, (1 inch × 0.62 inch) and industry leading features makes this module suitable for space
conscious digital systems that incorporate multiple processors.
This series of modules operate from a 12-V input bus voltage to provide step-down power conversion to a wide
range of output voltages. The output voltage of the W-suffix device may be set to any voltage over the adjust
range, 1.2 V to 5.5 V. The L-suffix device has an adjustment range of 0.8 V to 1.8 V. The output voltage is set
within the adjust range using a single external resistor.
This product includes Auto-Track™ Sequencing. Auto-Track simplifies the task of supply voltage sequencing in a
power system, by enabling modules to track each other, or any other external voltage, during power up and
power down.
Other features include an on/off inhibit and margin up/down controls. An output voltage sense ensures tight load
regulation. Non-latching overcurrent trip protects against load faults.
Target applications are complex digital systems that incorporate the industry's high-speed TMS320™ DSP
family, ASICs, FPGAs, micro-processors, and bus drivers.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Auto-Track, POLA, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH12060LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12060LAH TI2-PTH12060LAH Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
PTH12060LAH.B TI2-PTH12060LAH.B Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
More results

Similar Description - PTH12060LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com