Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB3 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-5
Figure 10-5. SOP, Sync Signaling and Voltage Levels
10.2.1.2 Packet Identifier Field
The Packet Identifier field is an eight bit number comprised of the four bit packet
identification (PID) and its complement. The field follows the sync pattern and
determines the direction and type of transaction on the bus. Table 10-1 shows the
PID values for the supported packet types.
Table 10-1. Supported Packet Identifiers
10.2.1.3 Address Field (ADDR)
The Address field is a seven bit number that is used to select a particular USB
device. This field is compared to the lower seven bits of the UADDR register to
determine if a given transaction is targeting the MC68HC05JB3 USB device.
PID Value
PID Type
%1001
IN Token
%0001
OUT Token
%1101
SETUP Token
%0011
DATA0 Packet
%1011
DATA1 Packet
%0010
ACK Handshake
%1010
NAK Handshake
%1110
STALL Handshake
END OF SYNC
FIRST BIT OF PACKET
SOP
BUS IDLE
VOH (min)
VSE (max)
VSE (min)
VOL (min)
VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com