Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB3 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-23
RX0E — Endpoint 0 Receive Enable
This read/write bit enables a receive to occur when the USB Host controller
sends an OUT token to Endpoint 0. Software should set this bit when data is
ready to be received. It must be cleared by software when data cannot be
received.
If this bit is 0 or the RXD0F is set, the USB will respond with a NAK handshake
to any Endpoint 0 OUT tokens. Reset clears this bit.
1 =
Data is ready to be received.
0 =
Not ready for data. Respond with NAK.
TP0SIZ3-TP0SIZ0 — Endpoint 0 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the next IN
token request for Endpoint 0. These bits are cleared by reset.
10.5.5 USB Control Register 1 (UCR1)
T1SEQ — Endpoint1/Endpoint 2 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or DATA1) will
be sent during the next IN transaction directed to Endpoint 1 or Endpoint 2.
Toggling of this bit must be controlled by software. Reset clears this bit.
1 =
DATA1 Token active for next Endpoint 1/Endpoint 2 transmit.
0 =
DATA0 Token active for next Endpoint 1/Endpoint 2 transmit.
ENDADD — Endpoint Address Select
This
read/write
bit
specifies
whether
the
data
inside
the
registers
UE1D0-UE1D7 are used for Endpoint 1 or Endpoint 2. If all the conditions for a
successful Endpoint 2 USB response to a hosts IN token are satisfied
(TXD1F=0, TX1E=1, STALL2=0, and ENABLE2=1) except that the ENDADD bit
is configured for Endpoint 1, the USB responds with a NAK handshake packet.
1 =
The data buffers are used for Endpoint 2.
0 =
The data buffers are used for Endpoint 1.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UCR1
R
T1SEQ
ENDADD
TX1E
FRESUM TP1SZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
$003C
W
reset:
00000000
Figure 10-24. USB Control Register 1 (UCR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com