Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB3 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB3
10-8
REV 1
Figure 10-8. EOP Transaction Voltage Levels
The width of the SE0 in the EOP is about two bit times. The EOP width is
measured with the same capacitive load used for maximum rise and fall times and
is measured at the same level as the differential signal crossover points of the
data lines.
Figure 10-9. EOP Width Timing
10.2.2 Reset Signaling
A reset is signaled on the bus by the presence of an extended SE0 at the USB
data pins of a device. The reset signaling is specified to be present for a minimum
of 10 ms. An active device (powered and not in the suspend state) seeing a
single-ended zero on its USB data inputs for more than 2.5
µs may treat that signal
as a reset, but must have interpreted the signaling as a reset within 5.5
µs. For a
Low speed device, an SE0 condition between 4 and 8 low speed bit times
represents a valid USB reset.
A USB sourced reset will hold the MC68HC05JB3 in reset for the duration of the
reset on the USB bus. The RSTF bit in the USB interrupt register 0 (UIR0) will be
set after the internal reset is removed (See Section 10.5.2 for more detail).
After a reset is removed, the device will be in the attached, but not yet addressed
or configured state (refer to Section 9.1 of the USB specification). The device must
be able to accept a device address via a SET_ADDRESS command (refer to
section 9.4 of the USB specification) no later than 10 ms after the reset is
removed.
BUS DRIVEN TO
LAST BIT OF
BUS IDLE
EOP
STROBE
PACKET
IDLE STATE
BUS FLOATS
VOH (min)
VSE (max)
VSE (min)
VOL (min)
VSS
EOP
WIDTH
tPeriod
DIFFERENTIAL
DATA LINES
DATA
CROSSOVER
LEVEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com