Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB3 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
GENERAL DESCRIPTION
MOTOROLA
REV 1
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05
Family of 8-bit microcontroller units (MCUs). The M68HC05 Family is based on
the customer-specified integrated circuit design strategy. All MCUs in the family
use the popular M68HC05 central processing unit (CPU) and are available with a
variety of subsystems, memory sizes and types, and package types.
The MC68HC05JB3 is specifically designed to be used in applications where a
low speed (1.5Mbps) Universal Serial Bus (USB) interface is required.
1.1
FEATURES
•
Industry standard M68HC05 CPU core
•
Memory-mapped input/output (I/O) registers
•
2560 Bytes of user ROM
•
144 Bytes of user RAM (includes 64 byte stack)
•
Fully compliant Low Speed USB with 3 Endpoints:
– 1 Control Endpoint (2
×8-byte buffer)
– 2 Interrupt Endpoints (1
×8-byte buffer shared)
•
3.3V dc output for USB pull-up resistors
•
19 Bidirectional I/O pins with the following features:
– 17 I/Os have software programmable pull-down capability
– 2 open-drain I/Os have software programmable pull-up, 25mA current
sink capability
– 4 I/Os with external interrupt capability
– 8 I/Os (in 4 pairs) with programmable optical interface
•
Multi-Function Timer (MFT)
•
16-bit Timer with 1 input capture and 1 output compare
•
Low Voltage Reset (LVR)
•
Computer Operating Properly (COP) Watchdog Reset
•
Illegal Address Reset
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com