Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3931 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3931
Description  Dual RGB LED Driver with High Current Boost DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3931 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3931 Datasheet HTML 1Page - National Semiconductor (TI) LP3931 Datasheet HTML 2Page - National Semiconductor (TI) LP3931 Datasheet HTML 3Page - National Semiconductor (TI) LP3931 Datasheet HTML 4Page - National Semiconductor (TI) LP3931 Datasheet HTML 5Page - National Semiconductor (TI) LP3931 Datasheet HTML 6Page - National Semiconductor (TI) LP3931 Datasheet HTML 7Page - National Semiconductor (TI) LP3931 Datasheet HTML 8Page - National Semiconductor (TI) LP3931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Description
Pin #
Name
Type
Description
1
G2
Output
Open Drain, Green LED2
2
R2
Output
Open Drain, Red LED2
3
GND_RGB
Ground
RGB Driver Ground
4
R1
Output
Open Drain, Red LED1
5
G1
Output
Open Drain, Green LED1
6
B1
Output
Open Drain, Blue LED1
7
GND_BOOST
Ground
Power Switch Ground
8
SW
Output
Open Drain, Boost Converter Power Switch
9V
DD2
Power
Supply Voltage for Internal Digital Circuits
10
GND2
Ground
Ground
11
FB
Input
Boost Converter Feedback
12
V
REF
Output
Internal Reference Bypass Capacitor
13
SO
Logic Output
SPI Serial Data Out
14
SI
Logic Input
SPI Serial Data Input
15
SS
Logic Input
SPI Slave Select
16
SCK
Logic Input
SPI Clock
17
PWM_LED
Input
LED Control for On/Off or PWM Dimming
18
NRST
Logic Input
Low Active Reset Input
19
V
DDIO
Power
Supply Voltage for Logic IO Signals
20
RT
Input
Oscillator Resistor
21
GND3
Ground
Ground
22
V
DD1
Power
Supply Voltage for Internal Analog Circuits
23
GND1
Ground
Ground
24
B2
Output
Open Drain, Blue LED2
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com