Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3931 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3931
Description  Dual RGB LED Driver with High Current Boost DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3931 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3931 Datasheet HTML 3Page - National Semiconductor (TI) LP3931 Datasheet HTML 4Page - National Semiconductor (TI) LP3931 Datasheet HTML 5Page - National Semiconductor (TI) LP3931 Datasheet HTML 6Page - National Semiconductor (TI) LP3931 Datasheet HTML 7Page - National Semiconductor (TI) LP3931 Datasheet HTML 8Page - National Semiconductor (TI) LP3931 Datasheet HTML 9Page - National Semiconductor (TI) LP3931 Datasheet HTML 10Page - National Semiconductor (TI) LP3931 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Logic Interface Characteristics
(1.8V
≤ V
DD_IO
≤ V
DD1,2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS SS, SI, SCK, PWM_LED
V
IL
Input Low Level
0.5
V
V
IH
Input High Level
V
DD_IO − 0.5
V
I
I
Logic Input Current
−1.0
1.0
µA
f
SCK
Clock Frequency
V
DD_IO = 2.775V
13
MHz
LOGIC INPUT NRST
V
IL
Input Low Level
0.5
V
V
IH
Input High Level
1.5
V
I
I
Logic Input Current
−1.0
1.0
µA
t
NRST
Reset Pulse Width
10
µs
LOGIC OUTPUT SO
V
OL
Output Low Level
I
SO =3mA
0.3
0.5
V
V
OH
Output High Level
I
SO =−3mA
V
DD_IO − 0.5
V
DD_IO − 0.3
V
SPI Interface
LP3931 is compatible with the SPI serial bus specification
and it operates as a slave. The transmission consists of
16-bit Write and Read Cycles. One cycle consists of 7 Ad-
dress bits, 1 Read/Write (R/W) bit and 8 Data bits. R/W bit
high state defines a Write Cycle and low defines a Read
Cycle. SO output is normally in high-impedance state and it
is active only when Data is sent out during a Read Cycle. A
pull-up or pull-down resistor may be needed in SO line if a
floating logic signal can cause unintended current consump-
tion in the input where SO is connected. The Address and
Data are transmitted MSB first. The Slave Select signal SS
must be low during the Cycle transmission. SS resets the
interface when high and it has to be taken high between
successive Cycles. Data is clocked in on the rising edge of
the SCK clock signal, while data is clocked out on the falling
edge of SCK.
20117307
SPI Write Cycle
20117308
SPI Read Cycle
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com