Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3931 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3931
Description  Dual RGB LED Driver with High Current Boost DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3931 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3931 Datasheet HTML 1Page - National Semiconductor (TI) LP3931 Datasheet HTML 2Page - National Semiconductor (TI) LP3931 Datasheet HTML 3Page - National Semiconductor (TI) LP3931 Datasheet HTML 4Page - National Semiconductor (TI) LP3931 Datasheet HTML 5Page - National Semiconductor (TI) LP3931 Datasheet HTML 6Page - National Semiconductor (TI) LP3931 Datasheet HTML 7Page - National Semiconductor (TI) LP3931 Datasheet HTML 8Page - National Semiconductor (TI) LP3931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP3931
Dual RGB LED Driver with High Current Boost DC-DC
Converter
General Description
The LP3931 is a RGB LED driver with high current boost
DC-DC converter designed for portable wireless applica-
tions. It contains 2 sets of RGB LED drivers that are PWM-
driven with programmable color, intensity and blinking pat-
terns. They additionally feature a FLASH function to support
picture taking with camera-enabled cellular phones.
An efficient magnetic boost DC/DC converter provides the
required bias, operating from a single Li-Ion battery. The
DC/DC converter output voltage is user programmable for
adapting to different LED types and for efficiency optimiza-
tion.
All functions are software controllable through the SPI inter-
face and internal registers.
Features
n
High Efficiency Programmable 300 mA Magnetic Boost
DC-DC converter
n
2 separately controlled PWM RGB LED drivers with
programmable color, brightness, turn on/off slopes and
blinking patterns
n
FLASH function with up to 6 outputs, each up to
120 mA
n
Functions software controlled through SPI interface
n
Additional LED on/off and dimming hardware control
n
Programmable low current Standby mode
n
Low voltage digital interface down to 1.8V
n
Space efficient 24-pin LLP package
Applications
n
GSM Cellular Phones
n
WCDMA, CDMA and CDMA2000 Phones
n
PHS and PDC Cellular Phone
Typical Application
20117301
August 2004
© 2004 National Semiconductor Corporation
DS201173
www.national.com


Similar Part No. - LP3931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
LP3933SL NSC-LP3933SL Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
LP3933SLX NSC-LP3933SLX Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
Lighting Management System for Six White LEDs and One RGB
More results

Similar Description - LP3931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
logo
Mean Well Enterprises C...
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
DC-DC Constant Current Buck-Boost LED driver
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
current mode boost DC-DC converter
logo
Rohm
BD82A26MUF-M ROHM-BD82A26MUF-M Datasheet
1Mb / 48P
6ch White LED Driver Built-in Current Driver Boost DC/DC Converter for Automotive
15.Mar.2022 Rev.003
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
BD81A76EFV-M ROHM-BD81A76EFV-M Datasheet
2Mb / 43P
6ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
25.Nov.2021 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com