Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3931 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3931
Description  Dual RGB LED Driver with High Current Boost DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3931 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3931 Datasheet HTML 9Page - National Semiconductor (TI) LP3931 Datasheet HTML 10Page - National Semiconductor (TI) LP3931 Datasheet HTML 11Page - National Semiconductor (TI) LP3931 Datasheet HTML 12Page - National Semiconductor (TI) LP3931 Datasheet HTML 13Page - National Semiconductor (TI) LP3931 Datasheet HTML 14Page - National Semiconductor (TI) LP3931 Datasheet HTML 15Page - National Semiconductor (TI) LP3931 Datasheet HTML 16Page - National Semiconductor (TI) LP3931 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
RGB LED PWM Control (Note 14) (Continued)
RSW1
GSW1
BSW1
RSW2
GSW2
BSW2
Enable for R1 switch
Enable for G1 switch
Enable for B1 switch
Enable for R2 switch
Enable for G2 switch
Enable for B2 switch
RGB_START
Master Switch:
RGB_START = 0
→ RGB OFF
RGB_START = 1
→ RGB ON, starts the new cycle fromt=0
RGB_PWM
RGB_PWM = 0
→ RSW, GWS and BSW control directly the RGB outputs (on/off control only)
RGB_PWM = 1
→ Normal PWM RGB functionality (duty, slope, on/off times, cycle)
EN_FLASH1
EN_FLASH2
Flash Mode enable controls for RGB1 and RGB2. In Flash mode (EN_FLASH = 1) RGB outputs are
PWM controlled simultaneously, not in 3-phase system as in the Normal Mode.
R1_PWM
G1_PWM
B1_PWM
R2_PWM
G2_PWM
B2_PWM
XX_PWM = 0
→ External PWM control from PWM_LED pin is disabled
XX_PWM = 1
→ External PWM control from PWM_LED pin is enabled
Internal PWM control (DUTY) can be used independently of external PWM control. External PWM has
the same effect on all enabled outputs.
PWM_LED input can be used as a direct on/off or PWM brightness control for selected White LED or RGB outputs. For example it can trigger the Flash using a Flash
signal from the camera. If PWM_LED input is not used, it must be tied to VDD_IO.
Note 14: Application Note 1291, “Driving RGB LEDs Using LP3933 Lighting Management System” contains a thorough description of the RGB driver functionality
including programming examples. It applies to LP3931, too.
Recommended External
Components
OUTPUT CAPACITOR, C
OUT
The output capacitor C
OUT directly affects the magnitude of
the output ripple voltage so C
OUT should be carefully se-
lected. In general, the higher the value of C
OUT, the lower the
output ripple magnitude. Multilayer ceramic capacitors with
low ESR are the best choice. At the lighter loads, the low
ESR ceramics offer a much lower V
OUT ripple than the
higher ESR tantalums of the same value. At the higher loads,
the ceramics offer a slightly lower V
OUT ripple magnitude
than the tantalums of the same value. However, the dv/dt of
the V
OUT ripple with the ceramics is much lower than the
tantalums under all load conditions. Capacitor voltage rating
must be sufficient, 10V or greater is recommended.
INPUT CAPACITOR, C
IN
The input capacitor C
IN directly affects the magnitude of the
input ripple voltage and to a lesser degree the V
OUT ripple. A
higher value C
IN will give a lower VIN ripple. Capacitor volt-
age rating must be sufficient, 10V or greater is recom-
mended.
OUTPUT DIODE, D
OUT
A Schottky diode should be used for the output diode. To
maintain high efficiency the average current rating of the
schottky diode should be larger than the peak inductor cur-
rent (1A). Schottky diodes with a low forward drop and fast
switching speeds are ideal for increasing efficiency in por-
table applications. Choose a reverse breakdown of the
schottky diode larger than the output voltage. Do not use
ordinary rectifier diodes, since slow switching speeds and
long recovery times cause the efficiency and the load regu-
lation to suffer.
INDUCTOR, L
The LP3931’s high switching frequency enables the use of
the small surface mount inductor. A 10 µH shielded inductor
is suggested. The inductor should have a saturation current
rating higher than the peak current it will experience during
circuit operation (
∼1A). Less than 100 mΩ ESR is suggested
for high efficiency. Open core inductors cause flux linkage
with circuit components and interfere with the normal opera-
tion of the circuit. This should be avoided. For high efficiency,
choose an inductor with a high frequency core material such
as ferrite to reduce the core losses. To minimize radiated
noise, use a toroid, pot core or shielded core inductor. The
inductor should be connected to the OUT pin as close to the
IC as possible. Examples of suitable inductors are TDK
types LLF4017T-100MR90C and VLF4012AT-100MR79 and
Coilcraft type DO3314T-103 (unshielded).
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com