Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6621 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 36Page - Texas Instruments PCI6621 Datasheet HTML 37Page - Texas Instruments PCI6621 Datasheet HTML 38Page - Texas Instruments PCI6621 Datasheet HTML 39Page - Texas Instruments PCI6621 Datasheet HTML 40Page - Texas Instruments PCI6621 Datasheet HTML 41Page - Texas Instruments PCI6621 Datasheet HTML 42Page - Texas Instruments PCI6621 Datasheet HTML 43Page - Texas Instruments PCI6621 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 204 page
background image
2−20
Table 2−11. 16-Bit PC Card Interface Control Terminals
External components are not applicable for the 16-bit PC Card interface control terminals. If any 16-bit PC Card
interface control terminal is unused, then the terminal may be left floating.
SKT A TERMINAL
SKT B TERMINAL†
DESCRIPTION
I/O
POWER
NAME
NO.
NAME
NO.
DESCRIPTION
I/O
TYPE
POWER
RAIL
A_BVD1
(STSCHG/RI)
B02
B_BVD1
(STSCHG/RI)
F14
Battery voltage detect 1. BVD1 is generated by 16-bit memory PC Cards that
include batteries. BVD1 is used with BVD2 as an indication of the condition of the
batteries on a memory PC Card. Both BVD1 and BVD2 are high when the battery
is good. When BVD2 is low and BVD1 is high, the battery is weak and must be
replaced. When BVD1 is low, the battery is no longer serviceable and the data in
the memory PC Card is lost. See Section 5.6, ExCA Card Status-Change Interrupt
Configuration Register, for enable bits. See Section 5.5, ExCA Card
Status-Change Register, and Section 5.2, ExCA Interface Status Register, for the
status bits for this signal.
Status change. STSCHG alerts the system to a change in the READY, write
protect, or battery voltage dead condition of a 16-bit I/O PC Card.
Ring indicate. RI is used by 16-bit modem cards to indicate a ring detection.
I
VCCA/
VCCB
A_BVD2
(SPKR)
A02
B_BVD2
(SPKR)
C17
Battery voltage detect 2. BVD2 is generated by 16-bit memory PC Cards that
include batteries. BVD2 is used with BVD1 as an indication of the condition of the
batteries on a memory PC Card. Both BVD1 and BVD2 are high when the battery
is good. When BVD2 is low and BVD1 is high, the battery is weak and must be
replaced. When BVD1 is low, the battery is no longer serviceable and the data in
the memory PC Card is lost. See Section 5.6, ExCA Card Status-Change Interrupt
Configuration Register, for enable bits. See Section 5.5, ExCA Card
Status-Change Register, and Section 5.2, ExCA Interface Status Register, for the
status bits for this signal.
Speaker. SPKR is an optional binary audio signal available only when the card and
socket have been configured for the 16-bit I/O interface. The audio signals from
cards A and B are combined by the controller and are output on SPKROUT.
DMA request. BVD2 can be used as the DMA request signal during DMA
operations to a 16-bit PC Card that supports DMA. The PC Card asserts BVD2 to
indicate a request for a DMA operation.
I
VCCA/
VCCB
A_CD1
A_CD2
C15
E05
B_CD1
B_CD2
N13
B17
Card detect 1 and card detect 2. CD1 and CD2 are internally connected to ground
on the PC Card. When a PC Card is inserted into a socket, CD1 and CD2 are
pulled low. For signal status, see Section 5.2, ExCA Interface Status Register.
I
A_CE1
A_CE2
G12
B12
B_CE1
B_CE2
M18
L19
Card enable 1 and card enable 2. CE1 and CE2 enable even- and odd-numbered
address bytes. CE1 enables even-numbered address bytes, and CE2 enables
odd-numbered address bytes.
O
VCCA/
VCCB
A_INPACK
E07
B_INPACK
E18
Input acknowledge. INPACK is asserted by the PC Card when it can respond to an
I/O read cycle at the current address.
DMA request. INPACK can be used as the DMA request signal during DMA
operations from a 16-bit PC Card that supports DMA. If it is used as a strobe, then
the PC Card asserts this signal to indicate a request for a DMA operation.
I
VCCA/
VCCB
A_IORD
C11
B_IORD
L15
I/O read. IORD is asserted by the controller to enable 16-bit I/O PC Card data
output during host I/O read cycles.
DMA write. IORD is used as the DMA write strobe during DMA operations from a
16-bit PC Card that supports DMA. The controller asserts IORD during DMA
transfers from the PC Card to host memory.
O
VCCA/
VCCB
A_IOWR
E11
B_IOWR
L13
I/O write. IOWR is driven low by the controller to strobe write data into 16-bit I/O
PC Cards during host I/O write cycles.
DMA read. IOWR is used as the DMA write strobe during DMA operations from a
16-bit PC Card that supports DMA. The controller asserts IOWR during transfers
from host memory to the PC Card.
O
VCCA/
VCCB
† These terminals are reserved for the PCI6611 and PCI6411 controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com