Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6621 Datasheet(PDF) 86 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 86 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 82Page - Texas Instruments PCI6621 Datasheet HTML 83Page - Texas Instruments PCI6621 Datasheet HTML 84Page - Texas Instruments PCI6621 Datasheet HTML 85Page - Texas Instruments PCI6621 Datasheet HTML 86Page - Texas Instruments PCI6621 Datasheet HTML 87Page - Texas Instruments PCI6621 Datasheet HTML 88Page - Texas Instruments PCI6621 Datasheet HTML 89Page - Texas Instruments PCI6621 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 204 page
background image
4−10
4.15 PCI Bus Number Register
The PCI bus number register is programmed by the host system to indicate the bus number of the PCI bus to which
the PCI6x21/PCI6x11 controller is connected. The PCI6x21/PCI6x11 controller uses this register in conjunction with
the CardBus bus number and subordinate bus number registers to determine when to forward PCI configuration
cycles to its secondary buses.
Bit
7
6
5
4
3
2
1
0
Name
PCI bus number
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
PCI bus number
Offset:
18h (Functions 0, 1)
Type:
Read/Write
Default:
00h
4.16 CardBus Bus Number Register
The CardBus bus number register is programmed by the host system to indicate the bus number of the CardBus bus
to which the PCI6x21/PCI6x11 controller is connected. The PCI6x21/PCI6x11 controller uses this register in
conjunction with the PCI bus number and subordinate bus number registers to determine when to forward PCI
configuration cycles to its secondary buses. This register is separate for each PCI6x21/PCI6x11 controller function.
Bit
7
6
5
4
3
2
1
0
Name
CardBus bus number
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
CardBus bus number
Offset:
19h
Type:
Read/Write
Default:
00h
4.17 Subordinate Bus Number Register
The subordinate bus number register is programmed by the host system to indicate the highest numbered bus below
the CardBus bus. The PCI6x21/PCI6x11 controller uses this register in conjunction with the PCI bus number and
CardBus bus number registers to determine when to forward PCI configuration cycles to its secondary buses. This
register is separate for each CardBus controller function.
Bit
7
6
5
4
3
2
1
0
Name
Subordinate bus number
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Subordinate bus number
Offset:
1Ah
Type:
Read/Write
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com