Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6621 Datasheet(PDF) 69 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 65Page - Texas Instruments PCI6621 Datasheet HTML 66Page - Texas Instruments PCI6621 Datasheet HTML 67Page - Texas Instruments PCI6621 Datasheet HTML 68Page - Texas Instruments PCI6621 Datasheet HTML 69Page - Texas Instruments PCI6621 Datasheet HTML 70Page - Texas Instruments PCI6621 Datasheet HTML 71Page - Texas Instruments PCI6621 Datasheet HTML 72Page - Texas Instruments PCI6621 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 204 page
background image
3−21
•
The PCI6x21/PCI6x11 master is busy. There may be posted data from CardBus to PCI in the
PCI6x21/PCI6x11 controller.
•
Interrupts are pending.
•
The CardBus CCLK for the socket has not been stopped by the PCI6x21/PCI6x11 CCLKRUN manager.
•
PC Card interrogation is in progress.
The PCI6x21/PCI6x11 controller restarts the PCI clock using the CLKRUN protocol under any of the following
conditions:
•
A 16-bit PC Card IREQ or a CardBus CINT has been asserted by either card.
•
A CardBus CBWAKE (CSTSCHG) or 16-bit PC Card STSCHG/RI event occurs in the socket.
•
A CardBus attempts to start the CCLK using CCLKRUN.
•
A CardBus card arbitrates for the CardBus bus using CREQ.
•
Bit 1 (KEEPCLK) in the system control register (PCI offset 80h, see Section 4.29) is set.
•
Data is in any of the FIFOs (receive or transmit).
•
The master state machine is busy.
•
There are pending interrupts.
3.8.3
CardBus PC Card Power Management
The PCI6x21/PCI6x11 controller implements its own card power-management engine that can turn off the CCLK to
a socket when there is no activity to the CardBus PC Card. The PCI clock-run protocol is followed on the CardBus
CCLKRUN interface to control this clock management.
3.8.4
16-Bit PC Card Power Management
The COE bit (bit 7) of the ExCA power control register (ExCA offset 02h/42h/802h, see Section 5.3) and PWRDWN
bit (bit 0) of the ExCA global control register (ExCA offset 1Eh/5Eh/81Eh, see Section 5.20) are provided for 16-bit
PC Card power management. The COE bit places the card interface in a high-impedance state to save power. The
power savings when using this feature are minimal. The COE bit resets the PC Card when used, and the PWRDWN
bit does not. Furthermore, the PWRDWN bit is an automatic COE, that is, the PWRDWN performs the COE function
when there is no card activity.
NOTE: The 16-bit PC Card must implement the proper pullup resistors for the COE and
PWRDWN modes.
3.8.5
Suspend Mode
The SUSPEND signal, provided for backward compatibility, gates the PRST (PCI reset) signal and the GRST (global
reset) signal from the PCI6x21/PCI6x11 controller. Besides gating PRST and GRST, SUSPEND also gates PCLK
inside the PCI6x21/PCI6x11 controller in order to minimize power consumption.
It should also be noted that asynchronous signals, such as card status change interrupts and RI_OUT, can be passed
to the host system without a PCI clock. However, if card status change interrupts are routed over the serial interrupt
stream, then the PCI clock must be restarted in order to pass the interrupt, because neither the internal oscillator nor
an external clock is routed to the serial-interrupt state machine. Figure 3−13 is a signal diagram of the suspend
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com