Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6621 Datasheet(PDF) 98 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 98 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 94Page - Texas Instruments PCI6621 Datasheet HTML 95Page - Texas Instruments PCI6621 Datasheet HTML 96Page - Texas Instruments PCI6621 Datasheet HTML 97Page - Texas Instruments PCI6621 Datasheet HTML 98Page - Texas Instruments PCI6621 Datasheet HTML 99Page - Texas Instruments PCI6621 Datasheet HTML 100Page - Texas Instruments PCI6621 Datasheet HTML 101Page - Texas Instruments PCI6621 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 204 page
background image
4−22
Table 4−9. General Control Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
2 ‡
DED_SC_PWR_
CTRL
RW
Dedicated Smart Card power control. This bit determines how power to the dedicated Smart Card
socket is controlled.
0 = Controlled through the SC_PWR_CTRL terminal (default)
1 = Controlled through the VPP voltage of socket B of the CardBus power switch (the design
must ensure that this mode can only be set when CardBus socket B is disabled).
1−0 ‡
ARB_CTRL
RW
Controls top level PCI arbitration:
00 = 1394 OHCI priority
10 = Flash media/SD host priority
01 = CardBus priority
11 = Fair round robin
Note: When flash media/SD host priority is selected, there must be a two-level priority scheme with the
first level being a round robin between the flash media and SD host functions and the second level being
a round robin between the CardBus and 1394 functions.
‡ One or more bits in this register are cleared only by the assertion of GRST.
4.32 General-Purpose Event Status Register
The general-purpose event status register contains status bits that are set when general events occur, and can be
programmed to generate general-purpose event signaling through GPE. See Table 4−10 for a complete description
of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
General-purpose event status
Type
RCU
RCU
R
RCU
RCU
RCU
RCU
RCU
Default
0
0
0
0
0
0
0
0
Register:
General-purpose event status
Offset:
88h
Type:
Read/Clear/Update, Read-only
Default:
00h
Table 4−10. General-Purpose Event Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7 ‡
PWR_STS
RCU
Power change status. This bit is set when software changes the VCC or VPP power state of either socket.
6 ‡
VPP12_STS
RCU
12-V VPP request status. This bit is set when software has changed the requested VPP level to or from 12 V
for either socket.
5
RSVD
R
Reserved. This bit returns 0 when read. A write has no effect.
4 ‡
GP4_STS
RCU
GPI4 status. This bit is set on a change in status of the MFUNC5 terminal input level if configured as a
general-purpose input, GPI4.
3 ‡
GP3_STS
RCU
GPI3 status. This bit is set on a change in status of the MFUNC4 terminal input level if configured as a
general-purpose input, GPI3.
2 ‡
GP2_STS
RCU
GPI2 status. This bit is set on a change in status of the MFUNC2 terminal input level if configured as a
general-purpose input, GPI2.
1 ‡
GP1_STS
RCU
GPI1 status. This bit is set on a change in status of the MFUNC1 terminal input level if configured as a
general-purpose input, GPI1.
0 ‡
GP0_STS
RCU
GPI0 status. This bit is set on a change in status of the MFUNC0 terminal input level if configured as a
general-purpose input, GPI0.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com