Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX569K Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX569K
Description  5340-pixel x 6 line CCD Linear Sensor (Color)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX569K Datasheet(HTML) 1 Page - Sony Corporation

  ILX569K Datasheet HTML 1Page - Sony Corporation ILX569K Datasheet HTML 2Page - Sony Corporation ILX569K Datasheet HTML 3Page - Sony Corporation ILX569K Datasheet HTML 4Page - Sony Corporation ILX569K Datasheet HTML 5Page - Sony Corporation ILX569K Datasheet HTML 6Page - Sony Corporation ILX569K Datasheet HTML 7Page - Sony Corporation ILX569K Datasheet HTML 8Page - Sony Corporation ILX569K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
– 1 –
E01750A27
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX569K
22 pin DIP (Plastic)
Description
The ILX569K is a reduction type CCD linear sensor
developed for color image scanner. This sensor
reads A4-size documents at a density of 600 DPI
and 1200 DPI.
Sensor Line Features
• Number of effective pixels:
32040 pixels (5340 pixels
× 6)
• Pixel size: 4µm
× 4µm (4µm pitch)
• Distance between main line:
48µm (12 lines)
• Distance between main line and sub line: 8µm (2 lines)
Common Features
• Single-sided readout
• Ultra low lag
• Single 12V power supply
• Maximum data rate: 8MHz/Color
• Input clock pulse:
CMOS 5V drive
• Number of output:
3 (R, G, B)
• Package:
22 pin Plastic-DIP (400mil)
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Operating temperature
–10 to +55
°C
Pin Configuration (Top View)
5340-pixel
××××× 6 line CCD Linear Sensor (Color)
Sensor Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
φL1
φ3
VDD
VOUT-R
VOUT-B
NC
NC
NC
NC
φROG-G
φROG-R
φL2
φ4
φRS
GND
VOUT-G
NC
NC
φ1
φ2
φROG-B
NC
13
5
7
13
5
7
13
5
7
24
6
24
6
24
6
Blue
Green
Green
Blue
Red
Red
4µm
4µm
4µm
48µm
48µm
8µm
4µm
8
8
8


Similar Part No. - ILX569K

ManufacturerPart #DatasheetDescription
logo
Prosoft-Technology
ILX56-PBM PROSOFT-ILX56-PBM Datasheet
354Kb / 2P
PROFIBUS DPV1 Master for Control Logix
logo
NHP Electrical Engineer...
ILX56-PBM NHP-ILX56-PBM Datasheet
327Kb / 1P
PROSOFT CONTROLLOGIX INRAX PROFIBUS DPV1 MASTER SLAVE
12 May 2023,
logo
Prosoft-Technology
ILX56-PBS PROSOFT-ILX56-PBS Datasheet
327Kb / 2P
PROFIBUS DPV1 Slave for ControlLogix
More results

Similar Description - ILX569K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
5350-pixel X 6-line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
5300 pixel X 3 line CCD Linear Sensor (Color)
ILX548K SONY-ILX548K Datasheet
135Kb / 11P
5340 pixel 횞 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
10680 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
ILX558K SONY-ILX558K Datasheet
93Kb / 11P
5340-pixel 횞 3-line CCD Linear Sensor (Color)
ILX137K SONY-ILX137K Datasheet
121Kb / 13P
10700-pixel x 6-line CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com