Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011J4R7ABSTR500 Datasheet(PDF) 14 Page - AVX Corporation

Part # 02011J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011J4R7ABSTR500 Datasheet(HTML) 14 Page - AVX Corporation

Back Button 02011J4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 12Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 13Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 14Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 15Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 16Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 17Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 18Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
4
±0.05
2.4
473
260
4.083
528
79
4.435
189
101
4.768
127
112
4.1
±0.05
2.4
467
257
4.192
522
78
4.565
186
100
4.919
125
111
4.2
±0.05
2.4
462
254
4.302
516
78
4.695
183
100
5.071
123
110
4.3
±0.05
2.3
456
251
4.411
511
77
4.825
180
99
5.223
121
110
4.4
±0.05
2.3
450
247
4.521
505
76
4.956
178
98
5.375
119
109
4.5
±0.05
2.3
444
244
4.630
499
75
5.086
175
98
5.526
117
108
4.6
±0.05
2.3
438
241
4.740
493
75
5.216
172
97
5.678
115
108
4.7
±0.05
2.2
432
238
4.849
487
74
5.347
170
96
5.830
113
107
5.1
±0.05
2.1
408
225
5.288
464
71
5.868
159
93
6.437
106
105
5.6
±0.05
2.0
379
208
5.835
435
67
6.519
145
90
7.195
96
102
6.2
±0.1
1.9
355
195
6.440
408
65
7.176
137
86
7.897
91
96
6.8
±0.1
1.8
330
182
7.044
380
62
7.832
129
83
8.599
85
91
7.5
±0.1
1.7
308
169
7.823
351
61
8.927
115
81
10.08
74
89
8.2
±0.1
1.7
285
157
8.601
322
60
10.02
100
78
11.55
63
87
9.1
±0.1
1.6
266
146
9.600
304
58
11.55
93
77
13.93
57
85
10
±1%
1.5
247
136
10.60
285
57
13.09
85
76
16.30
50
84
11
±1%
1.5
225
124
11.71
265
56
14.79
76
74
18.94
43
82
12
±1%
1.4
204
112
12.82
244
54
16.49
68
73
21.57
36
81
13
±1%
1.3
193
106
13.97
230
53
18.64
61
72
26.09
32
80
14
±1%
1.3
181
99
15.13
215
53
20.80
55
71
30.61
28
79
15
±1%
1.2
169
93
16.28
200
52
22.95
48
70
35.13
24
78
16
±1%
1.2
164
90
17.51
195
51
26.01
46
69
46.51
22
76
17
±1%
1.2
159
88
18.75
189
50
29.07
43
67
57.90
19
75
18
±1%
1.1
154
85
19.98
183
49
32.14
41
66
69.29
17
73
19
±1%
1.1
150
82
21.21
178
49
36.34
39
66
n/a
n/a
n/a
20
±1%
1.1
145
80
22.43
172
49
40.55
38
65
n/a
n/a
n/a
22
±1%
1.0
136
75
24.88
162
49
48.96
34
64
n/a
n/a
n/a
24
±1%
1.0
126
70
27.34
151
48
57.38
31
63
n/a
n/a
n/a
27
±1%
0.9
112
62
31.02
135
48
70.00
26
62
n/a
n/a
n/a
30
±1%
0.9
101
56
36.14
121
48
n/a
n/a
n/a
n/a
n/a
n/a
33
±1%
0.8
90
50
41.27
108
48
n/a
n/a
n/a
n/a
n/a
n/a
36
±1%
0.8
79
44
46.39
95
48
n/a
n/a
n/a
n/a
n/a
n/a
39
±1%
0.8
68
38
51.52
82
48
n/a
n/a
n/a
n/a
n/a
n/a
43
±1%
0.7
54
30
58.35
64
48
n/a
n/a
n/a
n/a
n/a
n/a
47
±1%
0.7
39
21
65.18
46
48
n/a
n/a
n/a
n/a
n/a
n/a
82
±1%
0.7
17
10
148.400
24
48
n/a
n/a
n/a
n/a
n/a
n/a
Accu-P
®
1210 Typical Electrical Tables
19
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com