Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011J4R7ABSTR500 Datasheet(PDF) 11 Page - AVX Corporation

Part # 02011J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011J4R7ABSTR500 Datasheet(HTML) 11 Page - AVX Corporation

Back Button 02011J4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 12Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 13Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 14Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Accu-P
®
0805 Typical Electrical Tables
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
0.1
±0.02
17.2
880
484
0.125
890
3296
0.125
545
2417
0.126
447
2265
0.15
±0.02
14.1
872
480
0.176
885
2073
0.178
530
1626
0.181
434
1546
0.2
±0.02
12.3
864
475
0.228
880
1492
0.231
516
1227
0.235
420
1178
0.25
±0.02
11.0
857
471
0.279
874
1156
0.284
501
986
0.290
407
955
0.3
±0.02
10.1
849
467
0.331
869
938
0.337
487
825
0.344
394
804
0.35
±0.02
9.4
841
462
0.382
864
787
0.390
472
710
0.399
380
695
0.4
±0.02
8.8
833
458
0.433
859
675
0.443
458
623
0.453
367
613
0.45
±0.02
8.3
825
454
0.485
853
590
0.496
443
555
0.508
353
549
0.5
±0.02
7.9
817
450
0.536
848
523
0.549
429
501
0.562
340
497
0.55
±0.02
7.5
811
446
0.584
843
469
0.600
420
456
0.616
331
454
0.6
±0.02
7.2
805
443
0.631
838
425
0.651
411
419
0.670
322
418
0.65
±0.02
6.9
798
439
0.679
834
387
0.702
402
387
0.724
313
388
0.7
±0.02
6.7
792
436
0.726
829
356
0.753
393
360
0.778
304
362
0.75
±0.02
6.5
786
432
0.774
824
329
0.804
384
337
0.832
295
339
0.8
±0.02
6.3
779
429
0.822
819
306
0.855
375
316
0.886
286
319
0.85
±0.02
6.1
773
425
0.869
814
285
0.906
366
298
0.940
277
301
0.9
±0.02
5.9
767
422
0.917
810
267
0.957
357
282
0.994
268
285
0.95
±0.02
5.8
760
418
0.964
805
251
1.008
348
267
1.049
260
271
1
±0.02
5.6
754
415
1.012
800
231
1.059
339
235
1.103
251
242
1.05
±0.02
5.5
747
411
1.065
794
223
1.120
335
228
1.170
247
235
1.1
±0.02
5.4
740
407
1.119
788
215
1.181
330
221
1.237
244
228
1.15
±0.02
5.3
732
403
1.172
782
208
1.242
326
214
1.304
240
220
1.2
±0.02
5.1
725
399
1.225
776
200
1.304
322
207
1.371
237
213
1.25
±0.02
5.0
718
395
1.279
770
192
1.365
318
200
1.438
233
206
1.3
±0.02
4.9
711
391
1.332
764
184
1.426
313
193
1.505
230
199
1.35
±0.02
4.9
704
387
1.386
758
176
1.487
309
186
1.573
226
192
1.4
±0.02
4.8
696
383
1.439
752
169
1.548
305
179
1.640
223
184
1.45
±0.02
4.7
689
379
1.492
746
161
1.609
300
172
1.707
219
177
1.5
±0.02
4.6
682
375
1.546
740
153
1.670
296
165
1.774
216
170
1.55
±0.02
4.6
675
371
1.600
733
151
1.734
292
163
1.850
212
168
1.6
±0.02
4.5
668
367
1.654
726
148
1.799
287
161
1.927
208
165
1.65
±0.02
4.4
660
363
1.708
719
146
1.864
283
159
2.003
204
163
1.7
±0.02
4.3
653
359
1.762
712
143
1.928
278
157
2.079
200
160
1.75
±0.02
4.3
646
355
1.816
705
141
1.993
274
155
2.156
197
158
1.8
±0.02
4.2
639
351
1.870
698
139
2.058
269
152
2.232
193
155
1.85
±0.02
4.2
632
347
1.924
691
136
2.122
265
150
2.308
189
153
1.9
±0.02
4.1
624
343
1.978
684
134
2.187
260
148
2.385
185
150
1.95
±0.02
4.1
617
339
2.033
677
131
2.252
256
146
2.461
181
148
2
±0.03
4.0
610
336
2.087
670
129
2.316
251
144
2.537
177
145
2.1
±0.03
3.9
597
328
2.183
658
127
2.440
245
142
2.690
171
143
2.2
±0.03
3.8
584
321
2.280
646
124
2.563
239
139
2.843
165
141
2.3
±0.03
3.8
571
314
2.377
634
122
2.687
233
137
2.996
159
139
2.4
±0.03
3.6
557
307
2.474
623
119
2.810
227
135
3.149
154
136
2.5
±0.03
3.6
544
299
2.571
611
117
2.934
221
133
3.301
148
134
2.6
±0.03
3.6
531
292
2.668
599
114
3.057
215
130
3.454
142
132
2.7
±0.03
3.4
518
285
2.764
587
112
3.181
209
128
3.607
136
130
2.8
±0.03
3.4
507
279
2.875
575
111
3.348
204
127
3.850
132
129
2.9
±0.03
3.4
497
273
2.987
564
110
3.514
199
125
4.093
129
127
3
±0.03
3.3
486
267
3.098
552
109
3.681
194
124
4.335
125
126
3.1
±0.05
3.3
475
261
3.209
540
108
3.848
189
123
4.578
121
125
3.2
±0.05
3.2
465
256
3.320
528
107
4.014
183
122
4.821
118
123
3.3
±0.05
3.1
454
250
3.431
517
106
4.181
178
120
5.064
114
122
3.4
±0.05
3.1
443
244
3.542
505
105
4.348
173
119
5.307
110
121
3.5
±0.05
3.1
433
238
3.653
493
104
4.515
168
118
5.549
107
119
3.6
±0.05
3.0
422
232
3.764
481
103
4.681
163
116
5.792
103
118
3.7
±0.05
3.0
412
226
3.875
470
102
4.848
158
115
6.035
99
116
3.8
±0.05
3.0
401
220
3.986
458
101
5.015
153
114
6.278
96
115
3.9
±0.05
2.9
390
215
4.097
446
100
5.182
148
113
6.521
92
114
16
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com