Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011J4R7ABSTR500 Datasheet(PDF) 5 Page - AVX Corporation

Part # 02011J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011J4R7ABSTR500 Datasheet(HTML) 5 Page - AVX Corporation

  02011J4R7ABSTR500 Datasheet HTML 1Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 2Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 3Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 4Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 5Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
0.05
±0.02
20.9
599
402
0.055
650
3220
0.056
265
4010
0.057
195
4450
0.1
±0.02
19.4
574
316
0.110
614
2682
0.112
246
3036
0.113
188
3113
0.15
±0.02
17.9
510
280
0.163
550
2087
0.166
220
2404
0.168
170
2441
0.2
±0.02
16.4
445
245
0.216
520
1693
0.220
210
1971
0.223
160
1970
0.25
±0.02
15.5
436
240
0.262
510
1371
0.268
204
1604
0.272
153
1646
0.3
±0.02
14.6
427
235
0.309
500
1149
0.316
199
1337
0.320
146
1421
0.35
±0.02
14.1
423
232
0.360
494
1001
0.369
196
1177
0.374
144
1265
0.4
±0.02
12.5
418
230
0.411
489
874
0.421
193
1038
0.427
142
1129
0.45
±0.02
11.9
413
227
0.461
484
819
0.473
191
972
0.481
140
1066
0.5
±0.02
11.3
408
224
0.512
478
765
0.526
188
906
0.535
138
1003
0.55
±0.02
10.9
403
222
0.563
473
710
0.578
186
840
0.588
137
940
0.6
±0.02
10.4
398
219
0.614
468
667
0.631
183
791
0.642
135
882
0.65
±0.02
10.0
394
217
0.664
462
624
0.683
181
742
0.695
133
825
0.7
±0.02
9.5
389
214
0.715
457
580
0.735
178
693
0.749
131
767
0.75
±0.02
9.3
384
211
0.766
452
557
0.788
176
664
0.802
129
729
0.8
±0.02
9.1
379
209
0.817
446
534
0.840
173
635
0.856
127
692
0.85
±0.02
8.9
374
206
0.868
441
511
0.893
171
606
0.909
126
654
0.9
±0.02
8.8
370
203
0.918
436
487
0.945
168
577
0.963
124
616
0.95
±0.02
8.6
365
201
0.969
430
464
0.998
166
548
1.016
122
579
1
±0.02
8.4
360
198
1.020
425
441
1.050
163
519
1.070
120
541
1.05
±0.02
8.2
358
197
1.078
421
426
1.112
161
502
1.134
119
523
1.1
±0.02
8.0
355
195
1.135
418
410
1.173
159
486
1.199
117
505
1.15
±0.02
7.8
353
194
1.193
414
395
1.235
157
469
1.263
116
488
1.2
±0.02
7.6
350
193
1.251
411
379
1.296
155
452
1.327
115
470
1.25
±0.02
7.5
348
191
1.308
407
364
1.358
153
436
1.392
114
452
1.3
±0.02
7.4
345
190
1.366
403
348
1.419
151
419
1.456
112
434
1.35
±0.02
7.3
343
189
1.424
400
333
1.481
149
402
1.520
111
416
1.4
±0.02
7.2
340
187
1.481
396
317
1.542
147
386
1.585
110
398
1.45
±0.02
7.1
338
186
1.539
393
302
1.604
145
369
1.649
109
381
1.5
±0.02
7.0
335
184
1.597
389
287
1.665
144
353
1.713
107
363
1.55
±0.02
6.8
332
183
1.642
386
282
1.714
142
347
1.764
106
358
1.6
±0.02
6.7
330
181
1.687
382
277
1.762
141
342
1.815
105
352
1.65
±0.02
6.6
327
180
1.732
378
272
1.810
140
337
1.866
104
347
1.7
±0.02
6.5
324
178
1.777
375
267
1.859
138
331
1.917
103
342
1.75
±0.02
6.4
321
176
1.822
371
262
1.907
137
326
1.968
102
337
1.8
±0.02
6.3
318
175
1.866
367
257
1.955
136
321
2.018
101
331
1.85
±0.02
6.2
315
173
1.911
364
252
2.003
134
316
2.069
100
326
1.9
±0.02
6.2
312
172
1.956
360
247
2.052
133
310
2.120
99
321
1.95
±0.02
6.1
309
170
2.001
357
242
2.100
132
305
2.171
98
316
2
±0.03
6.0
306
168
2.046
353
237
2.148
131
300
2.222
97
310
2.1
±0.03
5.9
301
166
2.150
348
232
2.263
128
293
2.344
95
303
2.2
±0.03
5.7
296
163
2.254
343
227
2.377
125
287
2.467
93
296
2.3
±0.03
5.6
292
160
2.358
337
222
2.491
122
281
2.590
91
289
2.4
±0.03
5.5
287
158
2.462
332
217
2.606
120
274
2.712
89
282
2.5
±0.03
5.4
282
155
2.566
327
212
2.720
117
268
2.835
87
275
2.6
±0.03
5.3
277
152
2.670
322
207
2.834
114
262
2.958
85
268
2.7
±0.03
5.2
272
150
2.773
317
202
2.949
112
255
3.080
83
261
2.8
±0.03
5.1
269
148
2.878
312
199
3.066
110
252
3.209
81
258
2.9
±0.03
5.0
265
146
2.983
308
196
3.184
108
248
3.337
80
254
3
±0.03
4.9
261
144
3.088
304
193
3.301
106
245
3.465
78
251
3.1
±0.05
4.8
257
141
3.192
299
190
3.419
105
241
3.593
77
247
3.2
±0.05
4.7
253
139
3.297
295
187
3.536
103
238
3.722
76
244
3.3
±0.05
4.6
250
137
3.402
291
185
3.654
101
234
3.850
74
240
3.4
±0.05
4.6
246
135
3.506
286
182
3.771
99
231
3.978
73
237
3.5
±0.05
4.5
242
133
3.611
282
179
3.889
98
227
4.107
71
233
3.6
±0.05
4.5
238
131
3.716
278
176
4.006
96
224
4.235
70
230
3.7
±0.05
4.4
234
129
3.820
273
173
4.124
94
220
4.363
69
226
3.8
±0.05
4.4
230
127
3.925
269
170
4.241
92
217
4.492
67
223
3.9
±0.05
4.3
227
125
4.030
265
167
4.359
91
213
4.620
66
219
Accu-P
®
0201 Typical Electrical Tables
10
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com