Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02011J4R7ABSTR500 Datasheet(PDF) 12 Page - AVX Corporation

Part # 02011J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011J4R7ABSTR500 Datasheet(HTML) 12 Page - AVX Corporation

Back Button 02011J4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 12Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 13Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 14Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 15Page - AVX Corporation 02011J4R7ABSTR500 Datasheet HTML 16Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
4
±0.05
2.9
384
211
4.214
440
99
5.378
144
112
6.861
89
113
4.1
±0.05
2.9
378
208
4.331
434
98
5.574
141
112
7.201
86
113
4.2
±0.05
2.8
372
205
4.448
428
98
5.769
138
111
7.541
84
112
4.3
±0.05
2.7
366
202
4.564
422
97
5.965
134
111
7.881
81
111
4.4
±0.05
2.7
360
198
4.681
415
96
6.161
131
110
8.222
78
111
4.5
±0.05
2.7
355
195
4.798
409
96
6.357
128
110
8.562
75
110
4.6
±0.05
2.7
349
192
4.915
403
95
6.553
124
109
8.902
72
110
4.7
±0.05
2.6
343
188
5.032
397
94
6.749
121
109
9.242
69
109
5.1
±0.05
2.5
319
175
5.499
373
91
7.533
108
107
10.60
58
107
5.6
±0.05
2.4
289
159
6.083
342
88
8.513
91
104
12.30
44
104
6.2
±0.1
2.3
264
145
6.842
313
86
10.43
79
102
18.03
36
103
6.8
±0.1
2.2
239
131
7.601
283
84
12.35
68
101
23.76
28
102
7.5
±0.1
2.1
218
120
8.468
259
83
14.84
61
100
37.25
21
101
8.2
±0.1
2.0
198
109
9.334
234
82
17.32
55
100
50.74
15
100
9.1
±0.1
1.9
179
99
10.57
213
82
24.90
46
100
n/a
n/a
n/a
10
±1%
1.8
160
88
11.80
191
81
32.48
37
100
n/a
n/a
n/a
11
±1%
1.7
139
77
13.17
167
81
40.90
26
101
n/a
n/a
n/a
12
±1%
1.6
119
65
14.54
143
80
49.32
16
101
n/a
n/a
n/a
13
±1%
1.6
110
60
16.17
134
80
n/a
n/a
n/a
n/a
n/a
n/a
14
±1%
1.5
101
55
17.79
125
80
n/a
n/a
n/a
n/a
n/a
n/a
15
±1%
1.5
92
51
19.42
116
80
n/a
n/a
n/a
n/a
n/a
n/a
16
±1%
1.4
87
48
21.13
110
79
n/a
n/a
n/a
n/a
n/a
n/a
17
±1%
1.4
83
46
22.85
104
78
n/a
n/a
n/a
n/a
n/a
n/a
18
±1%
1.3
78
43
24.57
99
77
n/a
n/a
n/a
n/a
n/a
n/a
19
±1%
1.3
73
40
26.41
92
77
n/a
n/a
n/a
n/a
n/a
n/a
20
±1%
1.3
67
37
28.26
85
76
n/a
n/a
n/a
n/a
n/a
n/a
22
±1%
1.2
57
31
31.95
72
76
n/a
n/a
n/a
n/a
n/a
n/a
24
±1%
1.2
46
25
35.64
59
75
n/a
n/a
n/a
n/a
n/a
n/a
27
±1%
1.1
41
22
44.94
54
74
n/a
n/a
n/a
n/a
n/a
n/a
30
±1%
1.0
36
20
54.24
48
73
n/a
n/a
n/a
n/a
n/a
n/a
33
±1%
1.0
30
17
63.54
42
72
n/a
n/a
n/a
n/a
n/a
n/a
36
±1%
0.9
25
14
72.84
37
71
n/a
n/a
n/a
n/a
n/a
n/a
39
±1%
0.9
20
11
82.14
31
70
n/a
n/a
n/a
n/a
n/a
n/a
43
±1%
0.9
16
9
102.9
27
66
n/a
n/a
n/a
n/a
n/a
n/a
47
±1%
0.8
12
7
123.7
23
63
n/a
n/a
n/a
n/a
n/a
n/a
Accu-P
®
0805 Typical Electrical Tables
17
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com