Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARSRL Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7763ARSRL
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARSRL Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7763ARSRL Datasheet HTML 28Page - Analog Devices ADE7763ARSRL Datasheet HTML 29Page - Analog Devices ADE7763ARSRL Datasheet HTML 30Page - Analog Devices ADE7763ARSRL Datasheet HTML 31Page - Analog Devices ADE7763ARSRL Datasheet HTML 32Page - Analog Devices ADE7763ARSRL Datasheet HTML 33Page - Analog Devices ADE7763ARSRL Datasheet HTML 34Page - Analog Devices ADE7763ARSRL Datasheet HTML 35Page - Analog Devices ADE7763ARSRL Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
ADE7763
Rev. A | Page 32 of 56
APPARENT ENERGY CALCULATION
The apparent energy is given as the integral of the
apparent power.
∫
=
dt
t
Power
Apparent
Energy
Apparent
)
(
(26)
The ADE7763 achieves the integration of the apparent power
signal by continuously accumulating the apparent power signal
in an internal 49-bit register. The apparent energy register
(VAENERGY[23:0]) represents the upper 24 bits of this internal
register. This discrete time accumulation or summation is
equivalent to integration in continuous time. Equation 29
expresses this relationship.
⎪⎭
⎪
⎬
⎫
⎪⎩
⎪
⎨
⎧
×
=
∑
∞
=
→
0
0
)
(
n
T
T
nT
Power
Apparent
Lim
Energy
Apparent
(27)
where:
n
is the discrete number of time samples.
T
is the time sample period.
The discrete time sample period (T) for the accumulation
register is 1.1 µs (4/CLKIN).
Figure 66 shows this discrete time integration or accumulation.
The apparent power signal is continuously added to the internal
register. This addition is a signed addition, even if the apparent
energy always remains positive in theory.
The 49 bits of the internal register are divided by VADIV. If the
value in the VADIV register is 0, then the internal active energy
register is divided by 1. VADIV is an 8-bit, unsigned register.
The upper 24 bits are then written in the 24-bit apparent energy
register (VAENERGY[23:0]). RVAENERGY register (24 bits
long) is provided to read the apparent energy. This register is
reset to 0 after a read operation.
Figure 67 shows this apparent energy accumulation for full-
scale signals (sinusoidal) on the analog inputs. The three curves
illustrate the minimum time for the energy register to roll over
when the VAGAIN registers content is equal to 0x7FF, 0x000,
and 0x800. The VAGAIN register is used to carry out an
apparent power calibration. As shown in the figure, the fastest
integration time occurs when the VAGAIN register is set to
maximum full scale, i.e., 0x7FF.
VADIV
APPARENT
POWER
+
+
VAENERGY[23:0]
APPARENT POWER IS
ACCUMULATED (INTEGRATED) IN
THE APPARENT ENERGY REGISTER
23
0
48
0
48
0
%
TIME (nT)
T
ACTIVE POWER
SIGNAL = P
Figure 66. Apparent Energy Calculation
0xFF FFFF
0x80 0000
0x40 0000
0x20 0000
0x00 0000
VAENERGY[23:0]
6.26
12.52
18.78
25.04
TIME
(minutes)
VAGAIN = 0x7FF
VAGAIN = 0x000
VAGAIN = 0x800
Figure 67. Energy Register Rollover Time for Full-Scale Power
(Maximum and Minimum Power Gain)
Note that the apparent energy register is unsigned—see Figure
67. By using the interrupt enable register, the ADE7763 can be
configured to issue an interrupt (IRQ) when the apparent energy
register is more than half full or when an overflow occurs. The
half full interrupt for the unsigned apparent energy register is
based on 24 bits, as opposed to 23 bits for the signed active
energy register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com