Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARSRL Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7763ARSRL
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARSRL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7763ARSRL Datasheet HTML 6Page - Analog Devices ADE7763ARSRL Datasheet HTML 7Page - Analog Devices ADE7763ARSRL Datasheet HTML 8Page - Analog Devices ADE7763ARSRL Datasheet HTML 9Page - Analog Devices ADE7763ARSRL Datasheet HTML 10Page - Analog Devices ADE7763ARSRL Datasheet HTML 11Page - Analog Devices ADE7763ARSRL Datasheet HTML 12Page - Analog Devices ADE7763ARSRL Datasheet HTML 13Page - Analog Devices ADE7763ARSRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
ADE7763
Rev. A | Page 10 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
FULL-SCALE CURRENT (%)
0.1
–0.6
–0.2
–0.3
–0.4
–0.5
0.1
0
0.4
0.3
0.2
–0.1
1
10
100
GAIN = 1
INTEGRATOR OFF
INTERNAL REFERENCE
–40°C, PF = 0.5
+85°C, PF = 0.5
+25°C, PF = 0.5
+25°C, PF = 1
Figure 6. Active Energy Error as a Percentage of Reading (Gain = 1)
over Power Factor with Internal Reference and Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
+85°C, PF = 1
+25°C, PF = 1
–40°C, PF = 1
Figure 7. Active Energy as a Percentage of Reading (Gain = 8)
over Temperature with Internal Reference and Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
+85°C, PF = 0.5
+25°C, PF = 0.5
–40°C, PF = 0.5
+25°C, PF = 1
Figure 8. Active Energy Error as a Percentage of Reading (Gain = 8)
over Power Factor with Internal Reference and Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR OFF
EXTERNAL REFERENCE
+85°C, PF = 1
–40°C, PF = 1
+25°C, PF = 1
Figure 9. Active Energy Error as a Percentage of Reading (Gain = 8)
over Temperature with External Reference and Integrator Off
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR OFF
EXTERNAL REFERENCE
+85°C, PF = 0.5
+25°C, PF = 0.5
–40°C, PF = 0.5
+25°C, PF = 1
Figure 10. Active Energy Error as a Percentage of Reading (Gain = 8)
over Power Factor with External Reference and Integrator Off
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
FULL-SCALE CURRENT (%)
0.1
10
1
100
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
5.25V
5.00V
4.75V
Figure 11. Active Energy Error as a Percentage of Reading (Gain = 8)
over Power Supply with Internal Reference and Integrator Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com