Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARSRL Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7763ARSRL
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARSRL Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7763ARSRL Datasheet HTML 44Page - Analog Devices ADE7763ARSRL Datasheet HTML 45Page - Analog Devices ADE7763ARSRL Datasheet HTML 46Page - Analog Devices ADE7763ARSRL Datasheet HTML 47Page - Analog Devices ADE7763ARSRL Datasheet HTML 48Page - Analog Devices ADE7763ARSRL Datasheet HTML 49Page - Analog Devices ADE7763ARSRL Datasheet HTML 50Page - Analog Devices ADE7763ARSRL Datasheet HTML 51Page - Analog Devices ADE7763ARSRL Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
ADE7763
Rev. A | Page 48 of 56
R/W
No. Bits
Default
Type1
Description
Address
Name
0x12
WGAIN
R/W
12
0x0
S
Power Gain Adjust. This is a 12-bit register. Calibrate the active power
calculation by writing to this register. The calibration range is ±50% of
ll-scale active power. The resolution of the gain adjust is
the nominal fu
0.0244%/LSB —see the Calibrating an Energy Meter section.
0x13
WDIV
R/W
8
0x0
U
GY
Active Energy Divider Register. The internal active energy register is
divided by the value of this register before being stored in the AENER
register.
0x14
CFNUM
R/W
12
0x3F
U
just the output frequency
CF Frequency Divider Numerator Register. Ad
on the CF pin by writing to this 12-bit read/write register—see the
Energy-to-Frequency Conversion section.
0x15
CFDEN
R/W
12
0x3F
U
ency Divider Denominator Register. Adjust the output
e
nversion section.
CF Frequ
frequency on the CF pin by writing to this 12-bit read/write register—se
the Energy-to-Frequency Co
0x16
IRMS
R
24
0x0
U
Channel 1 RMS Value (Current Channel).
0x17
VRMS
R
24
0x0
U
Channel 2 RMS Value (Voltage Channel).
0x18
IRMSOS
R/W
12
0x0
S
ction Register.
Channel 1 RMS Offset Corre
0x19
VRMSOS
R/W
12
0x0
S
Channel 2 RMS Offset Correction Register.
0x1A
VAGAIN
R/W
12
0x0
S
Apparent Gain Register. Calibrate the apparent power calculation by
writing to this register. The calibration range is 50% of the nominal
scale real power. The resolut
full-
ion of the gain adjust is 0.02444%/LSB.
0x1B
VADIV
R/W
er
8
0x0
U
Apparent Energy Divider Register. The internal apparent energy regist
is divided by the value of this register before being stored in the
VAENERGY register.
0x1C
LINECYC
R/W
xFFFF
U
Line-Cycle Register. This 16-bit
et the
16
0
Line Cycle Energy Accumulation Mode
register is used during line cycle energy accumulation mode to s
number of half line cycles for energy accumulation—see the Line Cycle
Energy Accumulation Mode section.
0x1D
ZXTOUT
R/W
12
0xFFF
U
e
Zero-Crossing Timeout. If no zero crossings are detected on Channel 2
within the time specified in this 12-bit register, the interrupt request lin
(IRQ) will be activated—see the Zero-Crossing Detection section.
0x1E
SAGCYC
R/W
8
0xFF
U
e SAG output is activated—see the Line Voltage Sag Detection
Sag Line Cycle Register. This 8-bit register specifies the number of
consecutive line cycles below SAGLVL that is required on Channel 2
before th
section.
0x1F
SAGLVL
R/W
8
0x0
U
peak
nel 2 the SAG
Sag Voltage Level. An 8-bit write to this register determines at what
signal level on Chan
pin becomes active. The signal must
remain low for the number of cycles specified in the SAGCYC register
before the SAG pin is activated—see the Line Voltage Sag Detection
section.
0x20
IPKLVL
R/W
8
0xFF
U
Channel 1 Peak Level Threshold (Current Channel). This register sets the
level of current peak detection. If the Channel 1 input exceeds this level,
the PKI flag in the status register is set.
0x21
VPKLVL
R/W
8
0xFF
U
Channel 2 Peak Level Threshold (Voltage Channel). This register sets the
level of voltage peak detection. If the Channel 2 input exceeds this level,
the PKV flag in the status register is set.
0x22
IPEAK
R
24
0x0
U
Channel 1 Peak Register. The maximum input value of the current
channel, since the last read of the register is stored in this register.
0x23
RSTIPEAK
R
24
0x0
U
Same as Channel 1 peak register, except that the register contents are
reset to 0 after a read.
0x24
VPEAK
R
24
0x0
U
Channel 2 Peak Register. The maximum input value of the voltage
channel, since the last read of the register is stored in this register.
0x25
RSTVPEAK
R
24
0x0
U
e
Same as Channel 2 peak register, except that the register contents ar
reset to 0 after a read.
0x26
TEMP
R
8
0x0
S
Temperature Register. This is an 8-bit register that contains the result of
the latest temperature conversion—see the Temperature Measurement
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com