Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARSRL Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7763ARSRL
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARSRL Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7763ARSRL Datasheet HTML 39Page - Analog Devices ADE7763ARSRL Datasheet HTML 40Page - Analog Devices ADE7763ARSRL Datasheet HTML 41Page - Analog Devices ADE7763ARSRL Datasheet HTML 42Page - Analog Devices ADE7763ARSRL Datasheet HTML 43Page - Analog Devices ADE7763ARSRL Datasheet HTML 44Page - Analog Devices ADE7763ARSRL Datasheet HTML 45Page - Analog Devices ADE7763ARSRL Datasheet HTML 46Page - Analog Devices ADE7763ARSRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ADE7763
Rev. A | Page 43 of 56
CALCULATE CFDEN VALUE FOR DESIGN
WRITE CFDEN VALUE TO CFDEN REGISTER
ADDR. 0x15 = CFDEN
SET HALF LINE CYCLES FOR ACCUMULATION
IN LINECYC REGISTER ADDR. 0x1C
SET ITEST = Ib, VTEST = VNOM, PF = 1
CALCULATE WGAIN. SEE EQUATION 43.
SET MODE FOR LINE CYCLE
ACCUMULATION ADDR. 0x09 = 0x0080
ENABLE LINE CYCLE ACCUMULATION
INTERRUPT ADDR. 0x0A = 0x04
READ LINE A
ACTIVE ENERGY: ADDR. 0x04
APPARENT ENERGY: ADDR. 0x07
CCUMULATION ENERGY
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. = 0x0C
INTERRUPT?
NO
YES
RESET THE INTERRUPT STA
READ REGIS
TUS
TER ADDR. = 0x0C
NO
INTERRUPT?
YES
WRITE WGAIN VALUE TO ADDR. 0x12
CALCULATE VAGAIN. SEE EQUATION 65.
WRITE VGAIN VALUE TO ADDR. 0x1A
Figure 78. Active/Apparent
In th
ADE7763 are sh
cy is
5 MHz, various timing and filter characteristics will
equency according to the following equation:
Gain Calibration
CLKIN FREQUENCY
is data sheet, the characteristics of the
own
when CLKIN frequency equals 3.579545 MHz. However, the
ADE7763 is designed to have the same accuracy at any CLKIN
frequency within the specified range. If the CLKIN frequen
not 3.57954
need to be redefined with the new CLKIN frequency. For
example, the cutoff frequencies of all digital filters, such as
LPF1, LPF2, or HPF1, shift in proportion to the change in
CLKIN fr
MHz
Frequency
New
579545
.
3
Frequency
CLKIN
Frequency
Original
×
=
(69)
The change in CLKIN frequency does not affect the timing
characteristics of the serial interface because the data transfer is
ever, it is
e read/write timing of the serial data
tran
le 2. Table 8 li
y.
Table 8. Frequency Dependencies of the ADE7763 Parameters
Parameter
CLKIN Dependency
synchronized with the serial clock signal (SCLK). How
important to observe th
sfer—see the timing characteristics in Tab
sts
various timing changes that are affected by CLKIN frequenc
Nyquist Frequency for CH 1, CH 2 ADCs
CLKIN/8
PHCAL Resolution (seconds per LSB)
4/CLKIN
Active Energy Register Update Rate (Hz)
CLKIN/4
Waveform Sampling Rate (per second)
WAVSEL 1,0 = 0 0
CLKIN/128
0 1
CLKIN/256
1 0
CLKIN/512
1 1
CLKIN/1024
Maximum ZXTOUT Period
524,288/CLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com