Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM7 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # ARM7
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ARM7 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button ARM7 Datasheet HTML 30Page - NXP Semiconductors ARM7 Datasheet HTML 31Page - NXP Semiconductors ARM7 Datasheet HTML 32Page - NXP Semiconductors ARM7 Datasheet HTML 33Page - NXP Semiconductors ARM7 Datasheet HTML 34Page - NXP Semiconductors ARM7 Datasheet HTML 35Page - NXP Semiconductors ARM7 Datasheet HTML 36Page - NXP Semiconductors ARM7 Datasheet HTML 37Page - NXP Semiconductors ARM7 Datasheet HTML 38Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
© Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 3 October 2005
Document number: 9397 750 14985
Published in the Netherlands
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
19. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Key features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 2
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 7
6
Functional description . . . . . . . . . . . . . . . . . . 12
6.1
Architectural overview. . . . . . . . . . . . . . . . . . . 12
6.2
On-chip flash program memory . . . . . . . . . . . 12
6.3
On-chip static RAM. . . . . . . . . . . . . . . . . . . . . 13
6.4
Memory map. . . . . . . . . . . . . . . . . . . . . . . . . . 13
6.5
Interrupt controller . . . . . . . . . . . . . . . . . . . . . 14
6.5.1
Interrupt sources. . . . . . . . . . . . . . . . . . . . . . . 14
6.6
Pin connect block . . . . . . . . . . . . . . . . . . . . . . 14
6.7
Fast general purpose parallel I/O . . . . . . . . . . 15
6.7.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6.8
10-bit ADC . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6.8.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6.9
10-bit DAC . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6.9.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6.10
USB 2.0 device controller . . . . . . . . . . . . . . . . 16
6.10.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6.11
UARTs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6.11.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
6.12
I2C-bus serial I/O controller . . . . . . . . . . . . . . 17
6.12.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
6.13
SPI serial I/O controller. . . . . . . . . . . . . . . . . . 17
6.13.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
6.14
SSP serial I/O controller . . . . . . . . . . . . . . . . . 18
6.14.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
6.15
General purpose timers/external event
counters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
6.15.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
6.16
Watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . 19
6.16.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
6.17
Real-time clock . . . . . . . . . . . . . . . . . . . . . . . . 19
6.17.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
6.18
Pulse width modulator . . . . . . . . . . . . . . . . . . 20
6.18.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
6.19
System control . . . . . . . . . . . . . . . . . . . . . . . . 21
6.19.1
Crystal oscillator . . . . . . . . . . . . . . . . . . . . . . . 21
6.19.2
PLL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
6.19.3
Reset and wake-up timer . . . . . . . . . . . . . . . . 21
6.19.4
Brownout detector. . . . . . . . . . . . . . . . . . . . . . 22
6.19.5
Code security . . . . . . . . . . . . . . . . . . . . . . . . . 22
6.19.6
External interrupt inputs . . . . . . . . . . . . . . . . . 22
6.19.7
Memory mapping control . . . . . . . . . . . . . . . . 22
6.19.8
Power control . . . . . . . . . . . . . . . . . . . . . . . . . 23
6.19.9
VPB bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
6.20
Emulation and debugging. . . . . . . . . . . . . . . . 23
6.20.1
EmbeddedICE . . . . . . . . . . . . . . . . . . . . . . . . 23
6.20.2
Embedded trace . . . . . . . . . . . . . . . . . . . . . . . 24
6.20.3
RealMonitor . . . . . . . . . . . . . . . . . . . . . . . . . . 24
7
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 25
8
Static characteristics . . . . . . . . . . . . . . . . . . . 26
9
Dynamic characteristics . . . . . . . . . . . . . . . . . 31
9.1
Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
10
Application information . . . . . . . . . . . . . . . . . 32
10.1
Suggested USB interface solutions . . . . . . . . 32
11
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 34
12
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 35
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . 36
14
Data sheet status. . . . . . . . . . . . . . . . . . . . . . . 37
15
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
16
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
17
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
18
Contact information . . . . . . . . . . . . . . . . . . . . 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com