Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM7 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ARM7
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ARM7 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ARM7 Datasheet HTML 7Page - NXP Semiconductors ARM7 Datasheet HTML 8Page - NXP Semiconductors ARM7 Datasheet HTML 9Page - NXP Semiconductors ARM7 Datasheet HTML 10Page - NXP Semiconductors ARM7 Datasheet HTML 11Page - NXP Semiconductors ARM7 Datasheet HTML 12Page - NXP Semiconductors ARM7 Datasheet HTML 13Page - NXP Semiconductors ARM7 Datasheet HTML 14Page - NXP Semiconductors ARM7 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
11 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
[2]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control. If configured for an input
function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns.
[3]
Open-drain 5 V tolerant digital I/O I2C-bus 400 kHz specification compatible pad. It requires external pull-up to provide an output
functionality.
[4]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog input function. If configured
for an input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns. When configured as an ADC input, digital
section of the pad is disabled.
[5]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog output function. When
configured as the DAC output, digital section of the pad is disabled.
[6]
5 V tolerant pad with built-in pull-up resistor providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
The pull-up resistor’s value typically ranges from 60 k
Ω to 300 kΩ.
[7]
Pad is designed in accordance with the Universal Serial Bus (USB) specification, revision 2.0 (Full-speed and Low-speed mode only).
[8]
5 V tolerant pad providing digital input (with TTL levels and hysteresis) function only.
[9]
Pad provides special analog functionality.
P1.28/TDI
60 [6]
I/O
P1.28 — General purpose input/output digital pin (GPIO).
I
TDI — Test Data in for JTAG interface.
P1.29/TCK
56 [6]
I/O
P1.29 — General purpose input/output digital pin (GPIO).
I
TCK — Test Clock for JTAG interface.
P1.30/TMS
52 [6]
I/O
P1.30 — General purpose input/output digital pin (GPIO).
I
TMS — Test Mode Select for JTAG interface.
P1.31/TRST
20 [6]
I/O
P1.31 — General purpose input/output digital pin (GPIO).
I
TRST — Test Reset for JTAG interface.
D+
10 [7]
I/O
USB bidirectional D+ line.
D
−
11 [7]
I/O
USB bidirectional D
− line.
RESET
57 [8]
I
External reset input: A LOW on this pin resets the device, causing I/O ports
and peripherals to take on their default states, and processor execution to
begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
62 [9]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
61 [9]
O
Output from the oscillator amplifier.
RTXC1
3 [9]
I
Input to the RTC oscillator circuit.
RTXC2
5 [9]
O
Output from the RTC oscillator circuit.
VSS
6, 18, 25, 42,
50
I
Ground: 0 V reference.
VSSA
59
I
Analog ground: 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VDD
23, 43, 51
I
3.3 V power supply: This is the power supply voltage for the core and I/O
ports.
VDDA
7I
Analog 3.3 V power supply: This should be nominally the same voltage as
VDD but should be isolated to minimize noise and error. This voltage is only
used to power the on-chip ADC(s) and DAC.
VREF
63
I
A/D converter reference voltage: This should be nominally less than or
equal to the VDD voltage but should be isolated to minimize noise and error.
Level on this pin is used as a reference for ADC(s) and DAC.
VBAT
49
I
RTC power supply voltage: 3.3 V on this pin supplies the power to the RTC.
Table 3:
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com