Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM7 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ARM7
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ARM7 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ARM7 Datasheet HTML 22Page - NXP Semiconductors ARM7 Datasheet HTML 23Page - NXP Semiconductors ARM7 Datasheet HTML 24Page - NXP Semiconductors ARM7 Datasheet HTML 25Page - NXP Semiconductors ARM7 Datasheet HTML 26Page - NXP Semiconductors ARM7 Datasheet HTML 27Page - NXP Semiconductors ARM7 Datasheet HTML 28Page - NXP Semiconductors ARM7 Datasheet HTML 29Page - NXP Semiconductors ARM7 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
26 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
8.
Static characteristics
Table 5:
Static characteristics
Ta = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
VDD
supply voltage [2]
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.3 V pad
3.0
3.3
3.6
V
Vi(VBAT)
input voltage on pin VBAT
2.0 [3]
3.3
3.6
V
Vi(VREF)
input voltage on pin VREF
2.5
3.3
VDDA
V
Standard port pins, RESET, RTCK
IIL
LOW-state input current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-state input current
VI =VDD; no pull-down
-
-
3
µA
IOZ
OFF-state output current
VO =0V, VO =VDD; no
pull-up/down
--3
µA
Ilatch
I/O latch-up current
−(0.5VDD) < V < (1.5VDD)
Tj < 125 °C
-
-
100
mA
VI
input voltage
pin configured to provide a
digital function
[4] [5]
[6]
0
-
5.5
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-state input voltage
2.0
-
-
V
VIL
LOW-state input voltage
-
-
0.8
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-state output
voltage [7]
IOH = −4 mA
VDD − 0.4
-
-
V
VOL
LOW-state output
voltage [7]
IOL = −4 mA
-
-
0.4
V
IOH
HIGH-state output
current [7]
VOH =VDD − 0.4 V
−4-
-
mA
IOL
LOW-state output
current [7]
VOL = 0.4 V
4
-
-
mA
IOHS
HIGH-state short-circuit
current [8]
VOH =0V
-
-
−45
mA
IOLS
LOW-state short-circuit
current [8]
VOL =VDDA
--50
mA
Ipd
pull-down current
VI =5V [9]
10
50
150
µA
Ipu
pull-up current [10]
VI =0V
−15
−50
−85
µA
VDD <VI <5V [9]
000
µA
IDD(act)
active mode supply current VDD = 3.3 V, Ta =25 °C, code
while(1){}
executed from flash, no active
peripherals
CCLK = 10 MHz
<tbd>
<tbd>
<tbd>
mA
CCLK = 60 MHz
(other parameters as above)
<tbd>
<tbd>
<tbd>
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.3 V, Ta = +25 °C
<tbd>
<tbd>
<tbd>
µA
VDD = 3.3 V, Ta = +85 °C
<tbd>
<tbd>
<tbd>
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com