Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM7 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ARM7
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ARM7 Datasheet(HTML) 1 Page - NXP Semiconductors

  ARM7 Datasheet HTML 1Page - NXP Semiconductors ARM7 Datasheet HTML 2Page - NXP Semiconductors ARM7 Datasheet HTML 3Page - NXP Semiconductors ARM7 Datasheet HTML 4Page - NXP Semiconductors ARM7 Datasheet HTML 5Page - NXP Semiconductors ARM7 Datasheet HTML 6Page - NXP Semiconductors ARM7 Datasheet HTML 7Page - NXP Semiconductors ARM7 Datasheet HTML 8Page - NXP Semiconductors ARM7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1.
General description
The LPC2141/42/44/46/48 microcontrollers are based on a 16-bit/32-bit ARM7TDMI-S
CPU with real-time emulation and embedded trace support, that combine microcontroller
with embedded high-speed flash memory ranging from 32 kB to 512 kB. A 128-bit wide
memory interface and a unique accelerator architecture enable 32-bit code execution at
the maximum clock rate. For critical code size applications, the alternative 16-bit Thumb
mode reduces code by more than 30 % with minimal performance penalty.
Due to their tiny size and low power consumption, LPC2141/42/44/46/48 are ideal for
applications where miniaturization is a key requirement, such as access control and
point-of-sale. Serial communications interfaces ranging from a USB 2.0 Full-speed device,
multiple UARTs, SPI, SSP to I2C-bus and on-chip SRAM of 8 kB up to 40 kB, make these
devices very well suited for communication gateways and protocol converters, soft
modems, voice recognition and low end imaging, providing both large buffer size and high
processing power. Various 32-bit timers, single or dual 10-bit ADC(s), 10-bit DAC, PWM
channels and 45 fast GPIO lines with up to nine edge or level sensitive external interrupt
pins make these microcontrollers suitable for industrial control and medical systems.
2.
Features
2.1 Key features
s 16-bit/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.
s 8 kB to 40 kB of on-chip static RAM and 32 kB to 512 kB of on-chip flash memory.
128-bit wide interface/accelerator enables high-speed 60 MHz operation.
s In-System Programming/In-Application Programming (ISP/IAP) via on-chip boot
loader software. Single flash sector or full chip erase in 400 ms and programming of
256 bytes in 1 ms.
s EmbeddedICE RT and Embedded Trace interfaces offer real-time debugging with the
on-chip RealMonitor software and high-speed tracing of instruction execution.
s USB 2.0 Full-speed compliant device controller with 2 kB of endpoint RAM.
In addition, the LPC2146/48 provides 8 kB of on-chip RAM accessible to USB by DMA.
s One or two (LPC2141/42 vs. LPC2144/46/48) 10-bit ADCs provide a total of 6/14
analog inputs, with conversion times as low as 2.44
µs per channel.
s Single 10-bit DAC provides variable analog output (LPC2142/44/46/48 only).
s Two 32-bit timers/external event counters (with four capture and four compare
channels each), PWM unit (six outputs) and watchdog.
s Low power Real-Time Clock (RTC) with independent power and 32 kHz clock input.
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash
with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 01 — 3 October 2005
Preliminary data sheet


Similar Part No. - ARM7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM720T ETC2-ARM720T Datasheet
1Mb / 242P
General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
general purpose 32-bit microprocessors
logo
ATMEL Corporation
ARM7TDMI ATMEL-ARM7TDMI Datasheet
1Mb / 284P
Technical Reference Manual
ARM7TDMI ATMEL-ARM7TDMI_14 Datasheet
1Mb / 284P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
Technical Reference Manual
More results

Similar Description - ARM7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2141 NXP-LPC2141 Datasheet
189Kb / 39P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2141 NXP-LPC2141_08 Datasheet
192Kb / 40P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2141FBD64-S NXP-LPC2141FBD64-S Datasheet
413Kb / 45P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2141 PHILIPS-LPC2141_15 Datasheet
413Kb / 45P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com