Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3TB6 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PUSB3TB6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3TB6 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PUSB3TB6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PUSB3TB6
ESD protection for ultra high-speed interfaces
aaa-013505
-1.5
-2.5
-0.5
0.5
S21dd
(dB)
-3.5
f (Hz)
106
1010
109
107
108
differential mode
Fig. 1. Insertion loss; typical values
VI (V)
-6
6
2
-2
aaa-013506
0.4
0.8
1.2
a
0
Fig. 2. Relative capacitance as a function of input
voltage; typical values
aaa-013507
-40
-60
-20
0
S21dd
(dB)
-80
f (Hz)
106
1010
109
107
108
normalized to 100 #Ω
Fig. 3. Crosstalk; typical values
PUSB3TB6
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
23 August 2018
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com