| Electronic Components Datasheet Search |
|
PUSB3TB6 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PUSB3TB6 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved |
|
7 / 12 page ![]() Nexperia PUSB3TB6 ESD protection for ultra high-speed interfaces 9. Application information The device is designed to provide high-level ESD protection for high-speed serial data buses such as HDMI, DisplayPort, eSATA and LVDS data lines. Note: When designing the PCB, give careful consideration to impedance matching and signal coupling. Do not connect the signal lines to unlimited current sources like, for example, a battery. ESD protection schematic diagram for USB 3.0 or USB 2.0 interface is shown on Figure 10. USB 3.0 controller PUSB3TB6 PESD5V0S1USF aaa-013549 GND D+ D- Tx+ Tx- Rx- Rx+ VBUS USB 3.0 connector GND D+ D- Tx+ Tx- Rx- Rx+ VBUS 5 4 3 6 2 1 7 Any pin can be chosen for ground connection; one pin must be connected to ground Fig. 10. Demo PCB of ESD protection for USB 3.0 or USB 2.0 interfaces using PUSB3TB6 A basic application diagram for ESD protection of SD card interface is shown on Figure 11. GND can be connected to pin 2 for easy routing or to any other rail-to-rail structure. DAT1 DAT0 GND CLK VCC (VSD) CMD DAT3/ CD DAT SD memory card SD card application PUSB3TB6 PESD5V0S1USF aaa-013548 1 7 6 3 2 5 4 VCC Any pin can be chosen for ground connection; one pin must be connected to ground Fig. 11. Application diagram of SD card ESD protection using PUSB3TB6 PUSB3TB6 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2018. All rights reserved Product data sheet 23 August 2018 7 / 12 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |