Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3TB6 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUSB3TB6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3TB6 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUSB3TB6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3TB6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
PUSB3TB6
ESD protection for ultra high-speed interfaces
4. Pinning information
Table 1. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
GND
ground[1]
3
CH2
channel 2 ESD protection
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
CH5
channel 5 ESD protection
7
CH6
channel 6 ESD protection
1
2
7
6
5
3
4
Transparent top view
XSON7
(SOT1358-1)
2
4
aaa-013490
1
5
3
6
7
[1] Any pin can be chosen for ground connection; one pin must be connected to ground.
5. Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
PUSB3TB6
XSON7
plastic, leadless extremely thin small outline package; 7
terminals; 0.5 mm pitch; 1.1 mm x 2.1 mm x 0.5 mm body
SOT1358-1
6. Marking
Table 3. Marking codes
Type number
Marking code
PUSB3TB6
3T
PUSB3TB6
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
23 August 2018
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com