Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMF21 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMF21
Description  12 V PNP loadswitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMF21 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMF21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2004 Jan 12
2
NXP Semiconductors
Product data sheet
12 V PNP loadswitch
PEMF21
FEATURES
• Low V
CEsat transistor and resistor-equipped transistor in
one package
• Very small 1.6 × 1.2 mm ultra thin package
• Reduced component count.
APPLICATIONS
• Line switches
• Battery charger switches
• Power supply switches
• Drive switches
• General purpose analog switches.
DESCRIPTION
Low VCEsat PNP transistor and NPN resistor-equipped
transistor in a SOT666 plastic package (see “Ordering
information” for package details).
MARKING
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE
PEMF21
2F
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
TR1; PNP; low VCEsat transistor
VCEO
collector-emitter
voltage
−
−12
V
IC
collector current (DC)
−
−500 mA
RCEsat
equivalent
on-resistance
−
500
m
Ω
TR2; NPN; resistor-equipped transistor
VCEO
collector-emitter
voltage
−
50
V
IO
output current (DC)
−
100
mA
R1
bias resistor
10
−
k
Ω
R2
bias resistor
10
−
k
Ω
PIN
DESCRIPTION
1
emitter TR1
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
handbook, halfpage
6
54
12
3
R2
TR1
TR2
R1
MHC707
12
3
4
6
5
Top view
Fig.1
Simplified outline (SOT666) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PEMF21
−
plastic surface mounted package; 6 leads
SOT666



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com