Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMF21 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PEMF21
Description  12 V PNP loadswitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMF21 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PEMF21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2004 Jan 12
5
NXP Semiconductors
Product data sheet
12 V PNP loadswitch
PEMF21
handbook, halfpage
0
400
600
200
300
500
100
MHC697
−10−1
−1
−10
hFE
IC (mA)
−102
−103
(1)
(2)
(3)
Fig.2
DC current gain as a function of collector
current; typical values.
Transistor TR1; VCE = −2 V.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
−10
VCE (V)
−1200
0
−400
−800
−1000
−200
−600
−2
−4
−6
IC
(mA)
−8
MHC698
(5)
(6)
(7)
(8)
(9)
(10)
(1)
(2)
(3)
(4)
Fig.3
Collector current as a function of
collector-emitter voltage; typical values.
Transistor TR1;
Tamb = 25 °C.
(1) IB = −7.0 mA.
(2) IB = −6.3 mA.
(3) IB = −5.6 mA.
(4) IB = −4.9 mA.
(5) IB = −4.2 mA.
(6) IB = −3.5 mA.
(7) IB = −2.8 mA.
(8) IB = −2.1 mA.
(9) IB = −1.4 mA.
(10) IB = −0.7 mA.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MHC699
−10−1
−1
−10
VBE
(mV)
IC (mA)
−102
−103
(1)
(2)
(3)
Fig.4
Base-emitter voltage as a function of
collector current; typical values.
Transistor TR1; VCE = −2 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MHC700
−10−1
−1
−10
VBEsat
(mV)
IC (mA)
−102
−103
(1)
(2)
(3)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
Transistor TR1; IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com