Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMF21 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PEMF21
Description  12 V PNP loadswitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMF21 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PEMF21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NXP Semiconductors
Contact information
For additional information please visit: http://www.nxp.com
For sales offices addresses send e-mail to: salesaddresses@nxp.com
© NXP B.V. 2009
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Customer notification
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal
definitions and disclaimers. No changes were made to the technical content, except for package outline
drawings which were updated to the latest version.
Printed in The Netherlands
R75/01/pp10
Date of release: 2004 Jan 12
Document order number: 9397 750 12204



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com