Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMF21 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PEMF21
Description  12 V PNP loadswitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMF21 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PEMF21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMF21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2004 Jan 12
4
NXP Semiconductors
Product data sheet
12 V PNP loadswitch
PEMF21
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Transistor TR1
ICBO
collector-base cut-off current
VCB = −15 V; IE = 0
−
−
−100
nA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−
−
−100
nA
hFE
DC current gain
VCE = −2 V; IC = −10 mA
200
−
−
VCEsat
collector-emitter saturation voltage
IC = −200 mA; IB = −10 mA
−
−
−250
mV
RCEsat
equivalent on-resistance
IC = −500 mA; IB = −50 mA; note 1 −
300
500
m
Ω
VBEsat
base-emitter saturation voltage
IC = −500 mA; IB = −50 mA; note 1 −
−
−1.1
V
VBEon
base-emitter turn-on voltage
VCE = −2 V; IC = −100 mA; note 1
−
−
−0.9
V
fT
transition frequency
IC = −100 mA; VCE = −5 V;
f = 100 MHz
100
280
−
MHz
Cc
collector capacitance
VCB = −10 V; IE = ie = 0; f = 1 MHz −
−
10
pF
Transistor TR2
ICBO
collector-base cut-off current
VCB = 50 V; IE = 0
−
−
100
nA
ICEO
collector-emitter cut-off current
VCE = 30 V; IB = 0
−
−
1
µA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
−
−
400
µA
hFE
DC current gain
VCE = 5 V; IC = 5 mA
30
−
−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
−
300
mV
Vi(off)
input-off voltage
VCE = 5 V; IC = 100 µA
−
−
0.5
V
Vi(on)
input-on voltage
VCE = 0.3 V; IC = 10 mA
3
−
−
V
R1
input resistor
7
10
13
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB = 10 V; IE = ie = 0; f = 1 MHz
−
−
2.5
pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com