Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G3157DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G3157DP
Description  Dual 10 廓 single-pole double-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G3157DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G3157DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Nexperia
74LVC2G3157
Dual 10 Ω single-pole double-throw analog switch
VI (V)
0
2.0
1.6
0.8
1.2
0.4
001aaa712
25
35
15
45
55
RON
(Ω)
5
(4)
(3)
(2)
(1)
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = -40 °C.
Fig. 9. ON resistance as a function of input voltage;
VCC = 1.8 V
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aaa708
9
11
7
13
15
RON
(Ω)
5
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = -40 °C.
Fig. 10. ON resistance as a function of input voltage;
VCC = 2.5 V
001aaa709
VI (V)
0
3.0
2.0
1.0
2.5
1.5
0.5
9
7
11
13
RON
(Ω)
5
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = -40 °C.
Fig. 11. ON resistance as a function of input voltage;
VCC = 2.7 V
VI (V)
0
4
3
1
2
001aaa710
6
8
10
RON
(Ω)
4
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
(4) Tamb = -40 °C.
Fig. 12. ON resistance as a function of input voltage;
VCC = 3.3 V
74LVC2G3157
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 March 2019
7 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com