Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G3157DP Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G3157DP
Description  Dual 10 廓 single-pole double-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G3157DP Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G3157DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nexperia
74LVC2G3157
Dual 10 Ω single-pole double-throw analog switch
4. Marking
Table 2. Marking codes
Type number
Marking code[1]
74LVC2G3157DP
YJ
74LVC2G3157GM
YJ
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aaj085
1Z
1S
1Y0
1Y1
2Z
2S
2Y0
2Y1
Fig. 1. Logic symbol
001aac355
Z
S
Y1
Y0
Fig. 2. Logic diagram (one switch)
6. Pinning information
6.1. Pinning
74LVC2G3157
1S
1Z
1Y1
1Y0
GND
VCC
2Y1
2Y0
2S
2Z
aaa-020231
1
2
3
4
5
6
8
7
10
9
Fig. 3. Pin configuration SOT552-1 (TSSOP10)
aaa-020230
74LVC2G3157
Transparent top view
1
2
9
1Y0
8
VCC
7
2Y0
6
2Z
1Y1
3
GND
1S
4
2Y1
Fig. 4. Pin configuration SOT1049-3 (XQFN10)
74LVC2G3157
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 March 2019
2 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com