Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G3157DP Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G3157DP
Description  Dual 10 廓 single-pole double-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G3157DP Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G3157DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 19Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Nexperia
74LVC2G3157
Dual 10 Ω single-pole double-throw analog switch
13. Abbreviations
Table 13. Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
14. Revision history
Table 14. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC2G3157 v.3
20190325
Product data sheet
-
74LVC2G3157 v.2
Modifications:
• The format of this data sheet has been redesigned to comply with the identity guidelines of
Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
74LVC2G3157 v.2
20161215
Product data sheet
-
74LVC2G3157 v.1
Modifications:
• Table 7: The maximum limits for leakage current and supply current have changed.
74LVC2G3157 v.1
20151214
Product data sheet
-
-
74LVC2G3157
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 March 2019
17 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com