Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G3157DP Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G3157DP
Description  Dual 10 廓 single-pole double-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G3157DP Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G3157DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G3157DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Nexperia
74LVC2G3157
Dual 10 Ω single-pole double-throw analog switch
11.3. Test circuits
aaa-020238
VCC
0.5VCC
nS
nZ
nY0 1
2
nY1
GND
switch
switch
nS
1
VIL
2
VIH
VIL or VIH
fi
600 Ω
CL
10 µF
RL
0.1 µF
D
Fig. 18. Test circuit for measuring total harmonic distortion
aaa-020240
VCC
nS
nZ
nY0 1
2
nY1
GND
switch
switch
nS
1
VIL
2
VIH
VIL or VIH
fi
50 Ω
0.1 µF
RL
dB
DC bias = 350 mV
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads -3 dB.
Fig. 19. Test circuit for measuring the frequency response when switch is in ON-state
aaa-020241
VCC
0.5VCC
0.5VCC
nS
nZ
nY0 1
2
nY1
GND
switch
switch
nS
1
VIH
2
VIL
VIL or VIH
fi
50 Ω
CL
RL
0.1 µF
RL
dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig. 20. Test circuit for measuring isolation (OFF-state)
aaa-020244
VCC
nS
nZ
nY0
nY1
GND
VIL or VIH
50 Ω
fi
dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig. 21. Test circuit for measuring crosstalk
74LVC2G3157
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 March 2019
13 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com