Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4856CX25/C Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # IP4856CX25/C
Description  SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4856CX25/C Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button IP4856CX25/C Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 9Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IP4856CX25_C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 October 2014
7 of 21
NXP Semiconductors
IP4856CX25/C
SD 3.0-compliant memory card integrated dual voltage level translator
An external capacitor is needed between the regulator output pin VLDO and ground for
proper operation of the integrated voltage regulator. See Table 8 for recommended
capacitance and equivalent series resistance. To place the capacitor close to the VLDO pin
and maintain short connections to both, to the VLDO and to the ground, is recommended.
8.4 Memory card voltage tracking (reference select)
The device can track the memory card supply via pin VSD_REF. This allows achieving
optimum interoperability by perfectly matching input/output levels between voltage
translator and memory card in the 3 V signaling mode. Therefore, the voltage regulator
aims to follow the reference voltage provided at input VSD_REF directly. If tracking of the
memory card supply is not desired, connect pin VSD_REF to ground so the voltage
regulator refers to an integrated voltage reference. For 1.8 V (SEL = HIGH) signaling, the
voltage regulator is referred to the internal reference which is independent of the voltage
at VSD_REF.
8.5 Feedback clock channel
The clock is transmitted from the host to the memory card side. The voltage translator and
the Printed-Circuit Board (PCB) tracks introduce some amount of delay. It reduces timing
margin for data read back from memory card, especially at higher data rates. Therefore,
a feedback path is provided to compensate the delay. The reasoning behind this approach
is the fact that the clock is always delivered by the host, while the data in the timing critical
read mode comes from the card.
8.6 EMI filter
All input/output driver stages are equipped with EMI filters to reduce interferences towards
sensitive mobile communication.
8.7 ESD protection
The device has robust ESD protections on all memory card pins as well as on the VSD_REF
and VSUPPLY pins. The architecture prevents any stress for the host: the voltage translator
discharges any stress to supply ground.
Pins Write Protect (WP) and Card Detection (CD) might be pulled down by the memory
card which has to be detected by the host. Both signals must be HIGH if no card is
inserted. Therefore the pins are equipped with International Electrotechnical
Commission (IEC) system-level ESD protections and pull-up resistors connected to the
host supply VCCA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com