Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4856CX25/C Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # IP4856CX25/C
Description  SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4856CX25/C Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button IP4856CX25/C Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 17Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 18Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 19Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 20Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 21Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
IP4856CX25_C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 October 2014
16 of 21
NXP Semiconductors
IP4856CX25/C
SD 3.0-compliant memory card integrated dual voltage level translator
15. Design and assembly recommendations
15.1 PCB design guidelines
For optimum performance, use a Non-Solder Mask PCB Design (NSMD), also known as a
copper-defined design, incorporating laser-drilled micro-vias connecting the ground pads
to a buried ground-plane layer. This results in the lowest possible ground inductance and
provides the best high frequency and ESD performance. For this case, refer to Table 15
for the recommended PCB design parameters.
15.2 PCB assembly guidelines for Pb-free soldering
Table 15.
Recommended PCB design parameters
Parameter
Value or specification
PCB pad diameter
250
m
Micro-via diameter
100
m (0.004 inch)
Solder mask aperture diameter
325
m
Copper thickness
20
m to 40 m
Copper finish
AuNi or OSP
PCB material
FR4
Table 16.
Assembly recommendations
Parameter
Value or specification
Solder screen aperture diameter
290
m
Solder screen thickness
100
m (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %) Cu (0.5 % to 0.9 %)
Solder to flux ratio
50 : 50
Solder reflow profile
see Figure 10
The device can withstand at least three reflows with this profile.
Fig 10. Pb-free solder reflow profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com