Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4856CX25/C Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # IP4856CX25/C
Description  SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4856CX25/C Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button IP4856CX25/C Datasheet HTML 9Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IP4856CX25_C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 October 2014
12 of 21
NXP Semiconductors
IP4856CX25/C
SD 3.0-compliant memory card integrated dual voltage level translator
12.2 Level translator
[1]
Transition between VOL = 0.35  VCCA and VOH = 0.65  VCCA.
[2]
Transition between VOL = 0.45 V and VOH = 1.4 V.
Table 12.
Level translator dynamic characteristics
At recommended operating conditions; VCCA = 1.8 V; Tamb =25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Host-side transition times
tr
rise time
SEL = HIGH (1.8 V interface)
[1]
-0.4
1.0
ns
tf
fall time
SEL = HIGH (1.8 V interface)
[1]
-0.4
1.0
ns
Card-side transition times
tr
rise time
SEL = HIGH (1.8 V interface)
[2]
0.40.9
1.4ns
tf
fall time
SEL = HIGH (1.8 V interface)
[2]
0.40.9
1.4ns
Host-side to card-side propagation delay
DATAx_H to DATAx_SD, CMD_H to CMD_SD and CLK_IN to CLK_SD
tpd
propagation delay
SEL = HIGH (1.8 V interface)
-
2.4
3.5
ns
Host-side to host-side propagation delay
CLK_IN to CLK_FB
tpd
propagation delay
SEL = HIGH (1.8 V interface)
-
4.8
7.0
ns
Card-side to host-side propagation delay
DATAx_SD to DATAx_H and CMD_SD to CMD_H
tpd
propagation delay
SEL = HIGH (1.8 V interface)
-
2.4
3.5
ns
Fig 6.
Output rise and fall times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com