Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4856CX25/C Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # IP4856CX25/C
Description  SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4856CX25/C Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button IP4856CX25/C Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 16Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 17Page - Nexperia B.V. All rights reserved IP4856CX25/C Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
IP4856CX25_C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 October 2014
13 of 21
NXP Semiconductors
IP4856CX25/C
SD 3.0-compliant memory card integrated dual voltage level translator
12.3 ESD characteristic of pin write protect and card detect
[1]
TLP according to ANSI-ESD STM5.5.1/IEC 62615 Zo =50 ; pulse width = 100 ns; rise time = 200 ps;
averaging window = 50 ns to 80 ns.
Fig 7.
Output delay timing
Table 13.
ESD characteristic of write protect and card detect
At recommended operating conditions; Tamb =25 C; voltages are referenced to
GND (ground = 0 V); unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ESD protection pins: WP and CD
VBR
breakdown voltage
TLP; I = 1 mA
-
8
-
V
rdyn
dynamic resistance
positive transient
[1] -0.5
-
negative transient
[1] -0.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com